Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP884CG Datasheet HTML 1Page - National Semiconductor (TI) COP884CG Datasheet HTML 2Page - National Semiconductor (TI) COP884CG Datasheet HTML 3Page - National Semiconductor (TI) COP884CG Datasheet HTML 4Page - National Semiconductor (TI) COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TLDD9765
August 1996
COP884CGCOP888CG 8-Bit Microcontroller
with UART and Three Multi-Function Timers
General Description
The COP888 family of microcontrollers uses an 8-bit single
chip core architecture fabricated with National Semiconduc-
tor’s M2CMOSTM process technology The COP888CG is a
member of this expandable 8-bit core processor family of
microcontrollers
(Continued)
Key Features
Y
Full duplex UART
Y
Three 16-bit timers each with two 16-bit registers sup-
porting
Processor independent PWM mode
External event counter mode
Input capture mode
Y
Quiet design (low radiated emissions)
Y
4 kbytes of on-chip ROM
Y
192 bytes of on-chip RAM
Additional Peripheral Features
Y
Idle timer
Y
Multi-Input Wake Up (MIWU) with optional interrupts (8)
Y
Two analog comparators
Y
WATCHDOGTM and Clock Monitor logic
Y
MICROWIREPLUSTM serial IO
IO Features
Y
Memory mapped IO
Y
Software selectable IO options (TRI-STATE
output
push-pull output weak pull-up input high impedance in-
put)
Y
High current outputs
Y
Schmitt trigger inputs on Port G
Y
Packages
44 PLCC with 40 IO pins
40 DIP with 36 IO pins
28 DIP with 24 IO pins
28 SO with 24 IO pins
CPUInstruction Set Feature
Y
1 ms instruction cycle time
Y
Fourteen multi-source vectored interrupts servicing
External interrupt with selectable edge
Idle timer T0
Three timers (each with 2 interrupts)
MICROWIREPLUS
Multi-Input WAke Up
Software trap
UART (2)
Default VIS (default interrupt)
Y
Versatile and easy to use instruction set
Y
8-bit Stack Pointer (SP)stack in RAM
Y
Two 8-bit register indirect data memory pointers (B X)
Fully Static CMOS
Y
Low current drain (typically k 1 mA)
Y
Single supply operation 25V to 60V
Y
Temperature range b40 Cto a85 C
Development Support
Y
Emulation and OTP devices
Y
Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
TLDD9765 – 1
FIGURE 1 Block Diagram
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIREPLUSTM M2CMOSTM COP8TM microcontrollers MICROWIRETM and WATCHDOGTM are trademarks of National Semiconductor Corporation
iceMASTERTM is a trademark of MetaLink Corporation
C1996 National Semiconductor Corporation
RRD-B30M106Printed in U S A
http
www nationalcom


Similar Part No. - COP884CG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP884CG TI1-COP884CG Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP884CG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
logo
Intersil Corporation
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
8-Digit, Multi-Function, Frequency Counters/Timers
August 1997
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
8-Digit, Multi-Function, Frequency Counters/Timers
February 2002
logo
National Semiconductor ...
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Zilog, Inc.
Z08611 ZILOG-Z08611 Datasheet
636Kb / 17P
Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
8-Digit, Multi-Function, Frequency Counters/Timers
January 2004
logo
ATMEL Corporation
TS80C51U2 ATMEL-TS80C51U2 Datasheet
1,009Kb / 67P
Double UART 8-bit CMOS Microcontroller
logo
List of Unclassifed Man...
A109156120H ETC2-A109156120H Datasheet
71Kb / 2P
Timers Multi-function
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
8-Digit, Multi-Function, Frequency Counters/Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com