Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP884CG Datasheet HTML 4Page - National Semiconductor (TI) COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) COP884CG Datasheet HTML 10Page - National Semiconductor (TI) COP884CG Datasheet HTML 11Page - National Semiconductor (TI) COP884CG Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Data Memory Segment RAM Extension
Data memory address 0FF is used as a memory mapped
location for the Data Segment Address Register (S)
The data store memory is either addressed directly by a
single byte address within the instruction or indirectly rela-
tive to the reference of the B X or SP pointers (each con-
tains a single-byte address) This single-byte address allows
an addressing range of 256 locations from 00 to FF hex
The upper bit of this single-byte address divides the data
store memory into two separate sections as outlined previ-
ously With the exception of the RAM register memory from
address locations 00F0 to 00FF all RAM memory is memo-
ry mapped with the upper bit of the single-byte address be-
ing equal to zero This allows the upper bit of the single-byte
address to determine whether or not the base address
range (from 0000 to 00FF) is extended If this upper bit
equals one (representing address range 0080 to 00FF)
then address extension does not take place Alternatively if
this upper bit equals zero then the data segment extension
register S is used to extend the base address range (from
0000 to 007F) from XX00 to XX7F where XX represents the
8 bits from the S register Thus the 128-byte data segment
extensions are located from addresses 0100 to 017F for
data segment 1 0200 to 027F for data segment 2 etc up
to FF00 to FF7F for data segment 255 The base address
range from 0000 to 007F represents data segment 0
Figure 4 illustrates how the S register data memory exten-
sion is used in extending the lower half of the base address
range (00 to 7F hex) into 256 data segments of 128 bytes
each with a total addressing range of 32 kbytes from XX00
to XX7F This organization allows a total of 256 data seg-
ments of 128 bytes each with an additional upper base seg-
ment of 128 bytes Furthermore all addressing modes are
available for all data segments The S register must be
changed under program control to move from one data seg-
ment (128 bytes) to another However the upper base seg-
ment (containing the 16 memory registers IO registers
control registers etc) is always available regardless of the
contents of the S register since the upper base segment
(address range 0080 to 00FF) is independent of data seg-
ment extension
The instructions that utilize the stack pointer (SP) always
reference the stack as part of the base segment (Segment
0) regardless of the contents of the S register The S regis-
ter is not changed by these instructions Consequently the
stack (used with subroutine linkage and interrupts) is always
located in the base segment The stack pointer will be inti-
tialized to point at data memory location 006F as a result of
reset
The 128 bytes of RAM contained in the base segment are
split between the lower and upper base segments The first
116 bytes of RAM are resident from address 0000 to 006F
in the lower base segment while the remaining 16 bytes of
RAM represent the 16 data memory registers located at ad-
dresses 00F0 to 00FF of the upper base segment No RAM
is located at the upper sixteen addresses (0070 to 007F) of
the lower base segment
Additional RAM beyond these initial 128 bytes however will
always be memory mapped in groups of 128 bytes (or less)
at the data segment address extensions (XX00 to XX7F) of
the lower base segment The additional 64 bytes of RAM
(beyond the initial 128 bytes) are memory mapped at ad-
dress locations 0100 to 013F hex
TLDD9765 – 9
Reads as all ones
FIGURE 4 RAM Organization
Reset
The RESET input when pulled low initializes the microcon-
troller Initialization will occur whenever the RESET input is
pulled low Upon initialization the data and configuration
registers for ports L G and C are cleared resulting in these
Ports being initialized to the TRI-STATE mode Pin G1 of the
G Port is an exception (as noted below) since pin G1 is
dedicated as the WATCHDOG andor Clock Monitor error
output pin Port D is set high The PC PSW ICNTRL
CNTRL T2CNTRL and T3CNTRL control registers are
cleared The UART registers PSR ENU (except that TBMT
bit is set) ENUR and ENUI are cleared The Comparator
Select Register is cleared The S register is initialized to
zero The Multi-Input Wakeup registers WKEN WKEDG and
WKPND are cleared The stack pointer SP is initialized to
6F Hex
The device comes out of reset with both the WATCHDOG
logic and the Clock Monitor detector armed
with the
WATCHDOG service window bits set and the Clock Monitor
bit set The WATCHDOG and Clock Monitor circuits are in-
hibited during reset The WATCHDOG service window bits
being initialized high default to the maximum WATCHDOG
service window of 64k tC clock cycles The Clock Monitor bit
being initialized high will cause a Clock Monitor error follow-
ing reset if the clock has not reached the minimum specified
frequency at the termination of reset A Clock Monitor error
will cause an active low error output on pin G1 This error
output will continue until 16 tC–32 tC clock cycles following
the clock frequency reaching the minimum specified value
at which time the G1 output will enter the TRI-STATE mode
The external RC network shown in
Figure 5 should be used
to ensure that the RESET pin is held low until the power
supply to the chip stabilizes
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com