Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) COP884CG Datasheet HTML 10Page - National Semiconductor (TI) COP884CG Datasheet HTML 11Page - National Semiconductor (TI) COP884CG Datasheet HTML 12Page - National Semiconductor (TI) COP884CG Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Reset (Continued)
TLDD9765 – 10
RC l 5 c Power Supply Rise Time
FIGURE 5 Recommended Reset Circuit
Oscillator Circuits
The chip can be driven by a clock input on the CKI input pin
which can be between DC and 10 MHz The CKO output
clock is on pin G7 (crystal configuration) The CKI input fre-
quency is divided down by 10 to produce the instruction
cycle clock (1tc)
Figure 6 shows the Crystal and RC diagrams
CRYSTAL OSCILLATOR
CKI and CKO can be connected to make a closed loop
crystal (or resonator) controlled oscillator
Table A shows the component values required for various
standard crystal values
RC OSCILLATOR
By selecting CKI as a single pin oscillator input a single pin
RC oscillator circuit can be connected to it CKO is avail-
able as a general purpose input andor HALT restart input
Table B shows the variation in the oscillator frequencies as
functions of the component (R and C) values
TLDD9765 – 11
TLDD9765 – 12
FIGURE 6 Crystal and RC Oscillator Diagrams
TABLE A Crystal Oscillator Configuration TA e 25 C
R1
R2
C1
C2
CKI Freq
Conditions
(kX)(MX)
(pF)
(pF)
(MHz)
0
1
30
30 – 36
10
VCC e 5V
0
1
30
30 – 36
4
VCC e 50V
0
1
200
100 – 150
0455
VCC e 5V
TABLE B RC Oscillator Configuration TA e 25 C
R
C
CKI Freq
Instr Cycle
Conditions
(kX)
(pF)
(MHz)
(ms)
33
82
22 to 27
37 to 46
VCC e 5V
56
100
11 to 13
74 to 90
VCC e 5V
68
100
09 to 11
88 to 108
VCC e 5V
Note
3k s R s 200k
50 pF s C s 200 pF
Control Registers
CNTRL Register (Address X 00EE)
The Timer1 (T1) and MICROWIREPLUS control register
contains the following bits
SL1
SL0 Select the MICROWIREPLUS clock divide
by (00 e 2 01 e 4 1x e 8)
IEDG
External interrupt edge polarity select
(0 e Rising edge 1 e Falling edge)
MSEL
Selects G5 and G4 as MICROWIREPLUS
signals SK and SO respectively
T1C0
Timer T1 StartStop control in timer
modes 1 and 2
Timer T1 Underflow Interrupt Pending Flag in
timer mode 3
T1C1
Timer T1 mode control bit
T1C2
Timer T1 mode control bit
T1C3
Timer T1 mode control bit
T1C3 T1C2 T1C1 T1C0 MSEL IEDG
SL1
SL0
Bit 7
Bit 0
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com