Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP884CG Datasheet HTML 1Page - National Semiconductor (TI) COP884CG Datasheet HTML 2Page - National Semiconductor (TI) COP884CG Datasheet HTML 3Page - National Semiconductor (TI) COP884CG Datasheet HTML 4Page - National Semiconductor (TI) COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
General Description (Continued)
They are fully static parts fabricated using double-metal sili-
con gate microCMOS technology Features include an 8-bit
memory mapped architecture MICROWIREPLUS serial
IO three 16-bit timercounters supporting three modes
(Processor Independent PWM generation External Event
counter and Input Capture mode capabilities) full duplex
UART two comparators and two power savings modes
(HALT and IDLE) both with a multi-sourced wakeupinter-
rupt capability This multi-sourced interrupt capability may
also be used independent of the HALT or IDLE modes
Each IO pin has software selectable configurations The
device operates over a voltage range of 25V to 6V High
throughput is achieved with an efficient regular instruction
set operating at a maximum of 1 ms per instruction rate
The device has reduced EMI emissions Low radiated emis-
sions are achieved by gradual turn-on output drivers and
internal ICC filters on the chip logic and crystal oscillator
Connection Diagrams
Plastic Chip Carrier
TLDD9765 – 2
Top View
Order Number COP888CG-XXXV
See NS Plastic Chip Package Number V44A
Dual-In-Line Package
TLDD9765 – 4
Top View
Order Number COP888CG-XXXN
See NS Molded Package Number N40A
Dual-In-Line Package
TLDD9765 – 5
Top View
Order Number COP884CG-XXXN or COP884CG-XXXWM
See NS Molded Package Number N28A OR M28B
FIGURE 2a Connection Diagrams
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com