Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP884CG Datasheet HTML 1Page - National Semiconductor (TI) COP884CG Datasheet HTML 2Page - National Semiconductor (TI) COP884CG Datasheet HTML 3Page - National Semiconductor (TI) COP884CG Datasheet HTML 4Page - National Semiconductor (TI) COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)7V
Voltage at Any Pin
b
03V to VCC a 03V
Total Current into VCC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
b
65 Cto a140 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
25
6
V
Power Supply Ripple (Note 1)
Peak-to-Peak
01 VCC
V
Supply Current (Note 2)
CKI e 10 MHz
VCC e 6V tc e 1 ms
80
mA
CKI e 4 MHz
VCC e 6V tc e 25 ms
45
mA
CKI e 4 MHz
VCC e 40V tc e 25 ms
25
mA
CKI e 1 MHz
VCC e 40V tc e 10 ms
14
mA
HALT Current (Note 3)
VCC e 6V CKI e 0 MHz
k
110
m
A
VCC e 40V CKI e 0 MHz
k
05
6
m
A
IDLE Current
CKI e 10 MHz
VCC e 6V tc e 1 ms
35
mA
CKI e 4 MHz
VCC e 6V tc e 25 ms
25
mA
CKI e 1 MHz
VCC e 40V tc e 10 ms
07
mA
Input Levels
RESET
Logic High
08 VCC
V
Logic Low
02 VCC
V
CKI (External and Crystal Osc Modes)
Logic High
07 VCC
V
Logic Low
02 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 6V
b
2
a
2
m
A
Input Pullup Current
VCC e 6V VIN e 0V
b
40
b
250
m
A
G and L Port Input Hysteresis
035 VCC
V
Output Current Levels
D Outputs
Source
VCC e 4V VOH e 33V
b
04
mA
VCC e 25V VOH e 18V
b
02
mA
Sink
VCC e 4V VOL e 1V
10
mA
VCC e 25V VOL e 04V
20
mA
All Others
Source (Weak Pull-Up Mode)
VCC e 4V VOH e 27V
b
10
b
100
m
A
VCC e 25V VOH e 18V
b
25
b
33
m
A
Source (Push-Pull Mode)
VCC e 4V VOH e 33V
b
04
mA
VCC e 25V VOH e 18V
b
02
mA
Sink (Push-Pull Mode)
VCC e 4V VOL e 04V
16
mA
VCC e 25V VOL e 04V
07
mA
TRI-STATE Leakage
VCC e 60V
b
2
a
2
m
A
Note 1
Rate of voltage change must be less then 05 Vms
Note 2
Supply current is measured after running 2000 cycles with a crystalresonator oscillator inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations Test conditions All inputs tied to VCC L C and G0–G5 configured
as outputs and set high The D port set to zero The clock monitor and the comparators are disabled
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com