Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button COP884CG Datasheet HTML 31Page - National Semiconductor (TI) COP884CG Datasheet HTML 32Page - National Semiconductor (TI) COP884CG Datasheet HTML 33Page - National Semiconductor (TI) COP884CG Datasheet HTML 34Page - National Semiconductor (TI) COP884CG Datasheet HTML 35Page - National Semiconductor (TI) COP884CG Datasheet HTML 36Page - National Semiconductor (TI) COP884CG Datasheet HTML 37Page - National Semiconductor (TI) COP884CG Datasheet HTML 38Page - National Semiconductor (TI) COP884CG Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Development Support (Continued)
iceMASTER DEBUG MODULE (DM)
The iceMASTER Debug Module is a PC based combination
in-circuit emulation tool and COP8 based OTPEPROM pro-
gramming tool developed and marketed by MetaLink Corpo-
ration to support the whole COP8 family of products Nation-
al is a resale vendor for these products
See
Figure 19 for configuration
The iceMASTER Debug Module is a moderate cost devel-
opment tool It has the capability of in-circuit emulation for a
specific COP8 microcontroller and in addition serves as a
programming tool for COP8 OTP and EPROM product fami-
lies Summary of features is as follows
 Real-time in-circuit emulation full operating voltage
range operation full DC-10 MHz clock
 All processor IO pins can be cabled to an application
development board with package compatible cable to
socket and surface mount assembly
 Full 32 kbyte of loadable programming space that over-
lays (replaces) the on-chip ROM or EPROM On-chip
RAM and IO blocks are used directly or recreated as
necessary
 100 frames of synchronous trace memory The display
can be HLL source (C source) assembly or mixed The
most recent history prior to a break is available in the
trace memory
 Configured break points uses INTR instruction which is
modestly intrusive
 Software-only supported features are selectable
 Tool set integrated interactive symbolic debuggersup-
ports both assembler (COFF) and C Compiler (COD)
SDK linked object formats
 Instruction by instruction memoryregister changes dis-
played when in single step operation
 Debugger software is processor customized and recon-
figured from a master model file
 Processor specific symbolic display of registers and bit
level assignments configured from master model file
 HaltIdle mode notification
 Programming menu supports full product line of program-
mable OTP and EPROM COP8 products Program data
is taken directly from the overlay RAM
 Programming of 44 PLCC and 68 PLCC parts requires
external programming adapters
 Includes wallmount power supply
 On-board VPP generator from 5V input or connection to
external supply supported Requires VPP level adjust-
ment per the family programming specification (correct
level is provided on an on-screen pop-down display)
 On-line HELP customized to specific processor using
master model file
 Includes a copy of COP8-DEV-IBMA assembler and link-
er SDK
DM Order Information
Debug Module Unit
COP8-DM888GG
Cable Adapters Kits for COP888
DM-COP828D
28 DIP
DM-COP840D
40 DIP
DM-COP844P
44 PLCC
Adapter for SO Package
MHW-SOIC28
28 SO
TLDD9765 – 27
FIGURE 19 COP8-DM Environment
http
www nationalcom
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com