Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP884CG Datasheet HTML 3Page - National Semiconductor (TI) COP884CG Datasheet HTML 4Page - National Semiconductor (TI) COP884CG Datasheet HTML 5Page - National Semiconductor (TI) COP884CG Datasheet HTML 6Page - National Semiconductor (TI) COP884CG Datasheet HTML 7Page - National Semiconductor (TI) COP884CG Datasheet HTML 8Page - National Semiconductor (TI) COP884CG Datasheet HTML 9Page - National Semiconductor (TI) COP884CG Datasheet HTML 10Page - National Semiconductor (TI) COP884CG Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Pin Descriptions (Continued)
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin (crystal clock option) or general purpose
input (RC clock option) the associated bits in the data and
configuration registers for G6 and G7 are used for special
purpose functions as outlined below Reading the G6 and
G7 data bits will return zeros
Note that the chip will be placed in the HALT mode by writ-
ing a ‘‘1’’ to bit 7 of the Port G Data Register Similarly the
chip will be placed in the IDLE mode by writing a ‘‘1’’ to bit 6
of the Port G Data Register
Writing a ‘‘1’’ to bit 6 of the Port G Configuration Register
enables the MICROWIREPLUS to operate with the alter-
nate phase of the SK clock The G7 configuration bit if set
high enables the clock start up delay after HALT when the
RC clock configuration is used
Config Reg
Data Reg
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features
G0 INTR (External Interrupt Input)
G2 T1B (Timer T1 Capture Input)
G3 T1A (Timer T1 IO)
G4 SO (MICROWIRETM Serial Data Output)
G5 SK (MICROWIRE Serial Clock)
G6 SI (MICROWIRE Serial Data Input)
Port G has the following dedicated functions
G1 WDOUT WATCHDOG andor Clock Monitor dedicat-
ed output
G7 CKO Oscillator dedicated output or general purpose
input
Port C is an 8-bit IO port The 40-pin device does not have
a full complement of Port C pins The unavailable pins are
not terminated A read operation for these unterminated
pins will return unpredicatable values
PORT I is an eight-bit Hi-Z input port The 28-pin device
does not have a full complement of Port I pins The unavail-
able pins are not terminated ie they are floating A read
operation for these unterminated pins will return unpredict-
able values The user must ensure that the software takes
this into account by either masking or restricting the access-
es to bit operations The unterminated Port I pins will draw
power only when addressed
Port I1 – I3 are used for Comparator 1 Port I4 – I6 are used
for Comparator 2
The Port I has the following alternate features
I1
COMP1bIN (Comparator 1 Negative Input)
I2
COMP1aIN (Comparator 1 Positive Input)
I3
COMP1OUT (Comparator 1 Output)
I4
COMP2bIN (Comparator 2 Negative Input)
I5
COMP2aIN (Comparator 2 Positive Input)
I6
COMP2OUT (Comparator 2 Output)
Port D is an 8-bit output port that is preset high when
RESET goes low The user can tie two or more D port out-
puts together in order to get a higher drive
Functional Description
The architecture of the device is modified Harvard architec-
ture With the Harvard architecture the control store pro-
gram memory (ROM) is separated from the data store mem-
ory (RAM) Both ROM and RAM have their own separate
addressing space with separate address buses The archi-
tecture though based on Harvard architecture permits
transfer of data from ROM to RAM
CPU REGISTERS
The CPU can do an 8-bit addition subtraction logical or
shift operation in one instruction (tc) cycle time
There are six CPU registers
A is the 8-bit Accumulator Register
PC is the 15-bit Program Counter Register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B is an 8-bit RAM address pointer which can be optionally
post auto incremented or decremented
X is an 8-bit alternate RAM address pointer which can be
optionally post auto incremented or decremented
SP is the 8-bit stack pointer which points to the subroutine
interrupt stack (in RAM) The SP is initialized to RAM ad-
dress 06F with reset
S is the 8-bit Data Segment Address Register used to ex-
tend the lower half of the address range (00 to 7F) into 256
data segments of 128 bytes each
All the CPU registers are memory mapped with the excep-
tion of the Accumulator (A) and the Program Counter (PC)
PROGRAM MEMORY
The program memory consists of 4096 bytes of ROM
These bytes may hold program instructions or constant data
(data tables for the LAID instruction jump vectors for the
JID instruction and interrupt vectors for the VIS instruction)
The program memory is addressed by the 15-bit program
counter (PC) All interrupts in the devices vector to program
memory location 0FF Hex
DATA MEMORY
The data memory address space includes the on-chip RAM
and data registers the IO registers (Configuration Data
and Pin) the control registers the MICROWIREPLUS SIO
shift register and the various registers and counters asso-
ciated with the timers (with the exception of the IDLE timer)
Data memory is addressed directly by the instruction or indi-
rectly by the B X SP pointers and S register
The device has 192 bytes of RAM Sixteen bytes of RAM
are mapped as ‘‘registers’’ at addresses 0F0 to 0FF Hex
These registers can be loaded immediately and also decre-
mented and tested with the DRSZ (decrement register and
skip if zero) instruction The memory pointer registers X SP
B and S are memory mapped into this space at address
locations 0FC to 0FF Hex respectively with the other regis-
ters being available for general usage
The instruction set permits any bit in memory to be set
reset or tested All IO and registers (except A and PC) are
memory mapped therefore IO bits and register bits can be
directly and individually set reset and tested The accumu-
lator (A) bits can also be directly and individually tested
Note
RAM contents are undefined upon power-up
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com