Electronic Components Datasheet Search
  English  ▼

X  

COP884CG Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CG Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COP884CG Datasheet HTML 13Page - National Semiconductor (TI) COP884CG Datasheet HTML 14Page - National Semiconductor (TI) COP884CG Datasheet HTML 15Page - National Semiconductor (TI) COP884CG Datasheet HTML 16Page - National Semiconductor (TI) COP884CG Datasheet HTML 17Page - National Semiconductor (TI) COP884CG Datasheet HTML 18Page - National Semiconductor (TI) COP884CG Datasheet HTML 19Page - National Semiconductor (TI) COP884CG Datasheet HTML 20Page - National Semiconductor (TI) COP884CG Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
UART (Continued)
UART CONTROL AND STATUS REGISTERS
The operation of the UART is programmed through three
registers ENU ENUR and ENUI The function of the individ-
ual bits in these registers is as follows
ENU-UART Control and Status Register (Address at 0BA)
PEN
PSEL1 XBIT9 CHL1
CHL0
ERR
RBFL
TBMT
PSEL0
0RW
0RW
0RW
0RW
0RW
0R
0R
1R
Bit 7
Bit 0
ENUR-UART Receive Control and Status Register
(Address at 0BB)
DOE
FE
PE
SPARE RBIT9 ATTN
XMTG RCVG
0RD
0RD
0RD
0RW
0R
0RW
0R
0R
Bit7
Bit0
ENUI-UART Interrupt and Clock Source Register
(Address at 0BC)
STP2
STP78 ETDX
SSEL
XRCLK XTCLK ERI
ETI
0RW
0RW
0RW
0RW
0RW
0RW
0RW
0RW
Bit7
Bit0
Bit is not used
0
Bit is cleared on reset
1
Bit is set to one on reset
R
Bit is read-only it cannot be written by software
RW Bit is readwrite
D
Bit is cleared on read when read by software as a one it is cleared
automatically Writing to the bit does not affect its state
DESCRIPTION OF UART REGISTER BITS
ENUUART CONTROL AND STATUS REGISTER
TBMT
This bit is set when the UART transfers a byte of
data from the TBUF register into the TSFT register for trans-
mission It is automatically reset when software writes into
the TBUF register
RBFL
This bit is set when the UART has received a com-
plete character and has copied it into the RBUF register It
is automatically reset when software reads the character
from RBUF
ERR
This bit is a global UART error flag which gets set if
any or a combination of the errors (DOE FE PE) occur
CHL1 CHL0
These bits select the character frame format
Parity is not included and is generatedverified by hardware
CHL1 e 0 CHL0 e 0
The frame contains eight data bits
CHL1 e 0 CHL0 e 1
The frame contains seven data
bits
CHL1 e 1 CHL0 e 0
The frame contains nine data bits
CHL1 e 1 CHL0 e 1
Loopback Mode selected Trans-
mitter
output
internally
looped
back to receiver input Nine bit
framing format is used
XBIT9PSEL0
Programs the ninth bit for transmission
when the UART is operating with nine data bits per frame
For seven or eight data bits per frame this bit in conjunction
with PSEL1 selects parity
PSEL1 PSEL0
Parity select bits
PSEL1 e 0 PSEL0 e 0
Odd Parity (if Parity enabled)
PSEL1 e 0 PSEL0 e 1
Even Parity (if Parity enabled)
PSEL1 e 1 PSEL0 e 0
Mark(1) (if Parity enabled)
PSEL1 e 1 PSEL0 e 1
Space(0) (if Parity enabled)
PEN
This bit enablesdisables Parity (7- and 8-bit modes
only)
PEN e 0
Parity disabled
PEN e 1
Parity enabled
ENURUART RECEIVE CONTROL AND
STATUS REGISTER
RCVG
This bit is set high whenever a framing error occurs
and goes low when RDX goes high
XMTG
This bit is set to indicate that the UART is transmit-
ting It gets reset at the end of the last frame (end of last
Stop bit)
ATTN
ATTENTION Mode is enabled while this bit is set
This bit is cleared automatically on receiving a character
with data bit nine set
RBIT9
Contains the ninth data bit received when the UART
is operating with nine data bits per frame
SPARE
Reserved for future use
PE
Flags a Parity Error
PE e 0
Indicates no Parity Error has been detected since
the last time the ENUR register was read
PE e 1
Indicates the occurrence of a Parity Error
FE
Flags a Framing Error
FE e 0
Indicates no Framing Error has been detected
since the last time the ENUR register was read
FE e 1
Indicates the occurrence of a Framing Error
DOE
Flags a Data Overrun Error
DOE e 0
Indicates no Data Overrun Error has been de-
tected since the last time the ENUR register
was read
DOE e 1
Indicates the occurrence of a Data Overrun Er-
ror
ENUIUART INTERRUPT AND
CLOCK SOURCE REGISTER
ETI
This bit enablesdisables interrupt from the transmitter
section
ETI e 0
Interrupt from the transmitter is disabled
ETI e 1
Interrupt from the transmitter is enabled
ERI
This bit enablesdisables interrupt from the receiver
section
ERI e 0
Interrupt from the receiver is disabled
ERI e 1
Interrupt from the receiver is enabled
XTCLK
This bit selects the clock source for the transmitter-
section
XTCLK e 0
The clock source is selected through the
PSR and BAUD registers
XTCLK e 1
Signal on CKX (L1) pin is used as the clock
XRCLK
This bit selects the clock source for the receiver
section
XRCLK e 0
The clock source is selected through the
PSR and BAUD registers
XRCLK e 1
Signal on CKX (L1) pin is used as the clock
SSEL
UART mode select
SSEL e 0
Asynchronous Mode
SSEL e 1
Synchronous Mode
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com