Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 49 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 49 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 49Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 50Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 51Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 52Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 53Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
21050-DSH-001-F
Mindspeed Technologies™
41
Mindspeed Proprietary and Confidential
3.0 Product Specifications
3.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the device can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
Table 3-1.
Absolute Maximum Ratings
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
DVdd_I/O
Digital I/O power
0
1.8/2.5/3.3
3.6
V
AVdd_I/O
Analog I/O power
0
1.8/2.5
2.7
V
AVdd_Core
Analog core power
1
0
1.2
1.5
V
DVdd_Core
Digital core power
1
0
1.2
1.5
V
Tst
Storage temperature
–65
—
+150
°C
ESD
Human body model (low-speed)
2000
—
V
ESD
Human body model (high-speed)
2000
—
V
ESD
Charged device model
500
—
V
Notes:
1. Apply voltage to core pins if internal regulator is disabled. If enabled, pins should be floating with by-pass to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com