Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 33 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 33 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Registers
21050-DSH-001-F
Mindspeed Technologies™
25
Mindspeed Proprietary and Confidential
2.1.10
Built In Self-Test (BIST) Receiver Main Control Register
2.1.11
Built In Self-Test (BIST) Receiver Bit Error Counter
Table 2-10. Built In Self-Test (BIST) Receiver Main Control Register (BISTrx_ctrl: Address 11h)
Bits
Type
Default
Label
Description
7
R/W
0b
MSPD internal
N/A
6
R/W
0b
rx_ctrclr
Clear the BIST Rx error count register, BISTrx_error (active when
BISTrx_ctrl [1] = 1)
0b: Normal operation
1b: Clear register
5:2
R/W
0000b
rx_patt
Selects the BIST Rx test pattern (active when BISTrx_ctrl [1] = 1)
0000b: PRBS 27-1
0001b: PRBS 215-1
0010b: PRBS 223-1
0011b: PRBS 231-1
0100b: Fibre channel CJTPAT
0101b: Fibre channel CRPAT
0110b: 8b/10b countdown pattern
0111b: 16 bit user programmable pattern
1000b: 20 bit user programmable pattern
1
R/W
0b
en_rx
Powers up the BIST Rx
0b: Power down
1b: Power up and enable
0
R/W
1b
rx_rst
Resets the BIST Rx (recommended after powerup/enable, active when
BISTrx_ctrl [1] = 1)
0b: Normal BIST Rx operation
1b: Reset of BIST Rx
Table 2-11. Built In Self-Test (BIST) Receiver Bit Error Counter (BISTrx_error: Address 12h)
Bits
Type
Default
Label
Description
7:0
R/W
00000000b
err
Bit error count (active when BISTrx_ctrl [1] = 1).
This register is set to 00h upon reset, and is incremented for every bit
error the BIST Rx receives, up to FFh. At FFh, the register will stay at
this level until cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com