Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 39 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 39 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Registers
21050-DSH-001-F
Mindspeed Technologies™
31
Mindspeed Proprietary and Confidential
2.1.21
Built In Self-Test (BIST) Transmitter Alarm
2.1.22
Internal Junction Temperature Monitor
2.1.23
Internal Junction Temperature Value
Table 2-21. Built In Self-Test (BIST) Transmitter Alarm (BISTtx_alarm: Address 1Fh)
Bits
Type
Default
Label
Description
7
R
0b
tx_LOL
Loss of lock for the BIST Tx PLL (active when BISTtx_ctrl [1] = 1)
0b: Normal operation
1b: Loss of lock
6:5
R/W
00b
Reserved
N/A
4:0
R/W
00000b
MSPD internal
N/A
Table 2-22. Internal Junction Temperature Monitor (Temp_mon: Address 20h)
Bits
Type
Default
Label
Description
3:2
R/W
00b
Reserved
N/A
1
R/W
0b
en_temp_mon
Power up and enable the temperature monitor
1b: Power up and enable temperature monitor
0b: Disable temperature monitor
0
R/W
0b
strobe_temp
Strobes ADC for temperature measurement
1b: Read temperature
0b: Ok to read temperature
Note: To strobe ADC, a rising edge should be provided by writing 1b,
then writing 0b to return to default state.
Table 2-23. Internal Junction Temperature Value (Temp_value: Address 21h)
Bits
Type
Default
Label
Description
3:0
R
N/A
temp
A read of these bits returns the temperature from the last write cycle (to
strobe_temp)
Junction Temperature
Tc
≥ 130°C
130
°C > Tc
≥ 120°C
120
°C > Tc
≥ 110°C
110
°C > Tc
≥ 100°C
100
°C > Tc
≥ 90°C
90
°C
> Tc
≥ 80°C
80
°C
> Tc
≥ 10°C
10
°C
> Tc
≥ 0°C
0
°C
> Tc
≥ -10°C
-10
°C > Tc
≥ -20°C
-20
°C > Tc
≥ -30°C
-30
°C > Tc
≥ -40°C
-40
°C > Tc
temp
1100b
1011b
1010b
1001b
1000b
0111b
0110b
0101b
0100b
0011b
0010b
0001b
0000b
Condition
High-alarm
High-alarm
High-warning
Normal
Normal
Normal
Normal
Low-warning
Low-alarm
Low-alarm
Low-alarm
Low-alarm
Low-alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com