Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 45 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 45 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 49Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Registers
21050-DSH-001-F
Mindspeed Technologies™
37
Mindspeed Proprietary and Confidential
2.2.7
CDR N Loop Bandwidth and Data Sampling Point Adjust
2.2.8
CDR N FRA LOL Window Control
Table 2-32. CDR N Loop Bandwidth and Data Sampling Point Adjust (Phadj_ctrl_N: Address M6h)
Bits
Type
Default
Label
Description
7:6
R/W
10b
i_trim
Adjusts the charge-pump current; the loop bandwidth (FLBW) scales
proportionally
00b: 0.65x nominal value
01b: 0.8x nominal value
10b: Nominal
11b: 1.15x nominal value
5:4
R/W
10b
r_sel
Adjusts the resistor of the CDR loop filter; the loop bandwidth (FLBW)
scales proportionally
00b: 0.72x nominal value
01b: Nominal
10b: 2.6x nominal value
3:0
R/W
0000b
phase_adj
Adjusts the static phase offset (sampling point) of the data
1111b: -122.5 mUI
1110b: -105 mUI
1101b: -87.5 mUI
1100b: -70 mUI
1011b: -52.5 mUI
1010b: -35.0 mUI
1001b: -17.5 mUI
1000b: 0 mUI
0000b: 0 mUI
0001b: 17.5 mUI
0010b: 35.0 mUI
0011b: 52.5 mUI
0100b: 70.0 mUI
0101b: 87.5 mUI
0110b: 105 mUI
0111b: 122.5 mUI
Table 2-33. CDR N FRA LOL Window Control (LOL_ctrl_N: Address M9h)
Bits
Type
Default
Label
Description
7:5
R/W
101b
tacq_LOL
Sets the value for the LOL reference window
Code
000b
001b
010b
011b
100b
101b
110b
111b
Value
128
256
512
1024
2048
4096
8192
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com