Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 67 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 67 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 62Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 63Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 64Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 65Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 66Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 67Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 68Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 69Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 70Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
21050-DSH-001-F
Mindspeed Technologies™
59
Mindspeed Proprietary and Confidential
4.0 Appendices
4.1
Glossary of Terms/Acronyms
Table 4-1 contains a list of acronyms used in this data sheet.
Table 4-1.
Acronyms
AIE
Adaptive Input Equalization
BER
Bit-Error Rate
BIST
Built-In Self Test
CDR
Clock and Data Recovery array
DRD
Data-Rate Divider
EVM
Evaluation Module
FLL
Frequency Lock Loop
FRA
Frequency Reference Acquisition
ISI
Inter-Symbol Interference
LOA
Loss of Activity
LOL
Loss of Lock
LOLCir
Loss of Lock Circuitry
MLF
MicroLeadFrame
NRW
Narrow Reference Window
PCB
Printed Circuit Board
PLL
Phase Lock Loop
RFD
Reference Frequency Divider
SONET
Synchronous Optical Network
VCD
VCO Comparison Divider
WRW
Wide Reference Window
XPTS
Crosspoint Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com