Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
8
Mindspeed Technologies™
21050-DSH-001-F
Mindspeed Proprietary and Confidential
M21050 Data Sheet
1.1.11
Output Pre-Emphasis
Each of the eight output channels contains an independent output pre-emphasis circuit that can be used to select
the optimal pre-emphasis level. The pre-emphasis settings have been optimized for a variety of connectivity appli-
cations such as board traces and cables. For the PCB, the settings have been specified to operate up to 40” at
3.1875 Gbps on FR4, and up to 60” on FR4 at 2.125 Gbps. Like the input equalizer settings, the output pre-empha-
sis has similar high performance on Nelco-13, Arlon 25, Rogers 3003, 4003C, 4340, GeTek PCB materials, and
twinaxial cables. The digital pre-emphasis level is selected, for each output channel, with Preemp_ctrl_N[2:0], and
the default value of 000b corresponds to pre-emphasis disabled.
Figure 1-3.
2.5 Gbps waveform at M21050 output with input shown in Figure 1-2
(CDR enabled and IE at maximum setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com