Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 35 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 35 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Registers
21050-DSH-001-F
Mindspeed Technologies™
27
Mindspeed Proprietary and Confidential
2.1.13
Built In Self-Test (BIST) Transmitter Main Control Register
2.1.14
Built In Self-Test (BIST) Transmitter PLL Loss of Lock Register
Table 2-13. Built In Self-Test (BIST) Transmitter Main Control Register (BISTtx_ctrl: Address 15h)
Bits
Type
Default
Label
Description
7
R/W
0b
err_insert
Inserts a single bit error into the PRBS Tx
1b: Insert error
0b: Normal operation
Note: Setting the register high allows one error to be inserted into the
data stream. To insert another error, the user needs to clear, then set
this register bit.
6
R/W
0b
rx2txclk
Selects the source of the clock for the BIST Tx PLL (active when
BISTtx_ctrl [1] = 1)
0b: External reference frequency
1b: Recovered clock from BIST Rx
Note: For the recovered clock option, the BIST Rx must be enabled with
BISTrx_ctrl [1] = 1, and use the recovered clock from the same CDR
selected by BIST Rx. This option only works for the full-rate case
(DRD = 1).
5:2
R/W
0000b
tx_patt
Selects the BIST Tx test pattern (active when BISTtx_ctrl [1] = 1)
0000b: PRBS 27-1
0001b: PRBS 215-1
0010b: PRBS 223-1
0011b: PRBS 231-1
0100b: Fibre channel CJTPAT
0101b: Fibre channel CRPAT
0110b: 8b/10b countdown pattern
0111b: 16 bit user programmable pattern
1000b: 20 bit user programmable pattern
1
R/W
0b
en_tx
Powers up the BIST Tx and PLL
0b: Power down
1b: Power up and enable
0
R/W
1b
tx_rst
Resets the BIST Tx (recommended after powerup/enable; active when
BISTtx_ctrl [1] = 1)
0b: Normal BIST Tx operation
1b: Reset of BIST Tx
Table 2-14. Built In Self-Test (BIST) Transmitter PLL Loss of Lock Register (BISTtx_LOLctrl Address 17h)
Bits
Type
Default
Label
Description
7:5
R/W
101b
tacq_LOL
Sets the value for the LOL reference window
Code
000b
001b
010b
011b
100b
101b
110b
111b
Value
128
256
512
1024
2048
4096
8192
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com