Electronic Components Datasheet Search
  English  ▼

X  

M21050 Datasheet(PDF) 32 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 32 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M21050 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
24
Mindspeed Technologies™
21050-DSH-001-F
Mindspeed Proprietary and Confidential
M21050 Data Sheet
2.1.8
Input Hysteresis
2.1.9
Built In Self-Test (BIST) Receiver Channel Select
Table 2-8. Input Hysteresis (Input_hys: Address 08h)
Bits
Type
Default
Label
Description
7:6
R/W
00b
Reserved
N/A
5
R/W
0b
en_hys
When enabled, 25 mV of hysteresis will be applied to all inputs. Useful
in preventing noise from toggling inputs during quiescent periods of
input patterns, such as seen in the InfiniBand polling pattern.
0b: Disable input hysteresis
1b: Enable input hysteresis
4:0
R/W
00000b
Reserved
N/A
Table 2-9. Receiver Channel Select (BISTrx_chsel: Address 10h)
Bits
Type
Default
Label
Description
3
R/W
0b
Reserved
N/A
2:0
R/W
000b
chan
Selects which CDR to route into the BIST receiver (active when
BISTrx_ctrl [1]=1)
000b: Output A0 to BIST
001b: Output A1 to BIST
010b: Output A2 to BIST
011b: Output A3 to BIST
100b: Output B0 to BIST
101b: Output B1 to BIST
110b: Output B2 to BIST
111b: Output B3 to BIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com