Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 11Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Detailed Description
The MAX9480/MAX9481/MAX9482 are fully differential
line transceivers for ADSL applications. Each transmit
path has a high-bandwidth, low-distortion, current-feed-
back operational amplifier followed by a fixed-gain
class-G output buffer.
The MAX9480/MAX9481/MAX9482 are class-G devices
and require two dual power supplies, ±5V and ±2.5V.
All preamplifier inputs and outputs are available to
allow external gain configuration. The MAX9480 con-
tains an internal hybrid echo cancellation circuit with
receiver amplifiers set to a fixed gain of 4.6V/V. The
MAX9482 has no internal hybrid, but contains two
uncommitted low-noise op amps for coupling to an
external hybrid network. The MAX9481 has only the
preamp and line-driver circuits.
The two class-G output buffers are internally configured
for an inverting gain of three, and employ an active ter-
mination scheme that presents an 8
Ω load to incoming
signals. The buffers are designed for use with a 1:2.5
line transformer and can deliver 20.4dBm average line
power with a signal crest factor of 5.3 into a standard
100
Ω line. The outputs are designed to be directly DC-
or AC-bridged across the transformer.
The MAX9480/MAX9481/MAX9482 have a low-output
impedance, low-power shutdown mode that is activated
by driving SHDN high. Transmit path amplifiers and
buffers are disabled while the part is in shutdown, and
an 8
Ω resistor is coupled directly between OUT_ and the
output of a three-state buffer referenced to DGND (0V).
The receive amplifiers remain active in shutdown mode.
Applications Information
Theory of Operation
The preamplifiers and receivers are current-feedback
amplifiers; thus, their open-loop transfer function is
expressed as a transimpedance,
∆VOUT/∆IIN, or ZOL.
The frequency behavior of their open-loop transimped-
ance is similar to the open-loop gain of a voltage-feed-
back amplifier; that is, they have a large DC value that
decreases at approximately 6dB per octave. Analyzing
the follower with gain, as shown in Figure 1, yields the
following transfer function:
where G = AVCL = 1 + (RF/RG), and RIN = 1/gM
≠ 200Ω.
At low gains, G x RIN << RF. Therefore, the closed-loop
bandwidth is essentially independent of closed-loop
gain. Similarly, ZOL >> RF at low frequencies, so that:
Shutdown
Forcing SHDN high puts the MAX9480/MAX9481/
MAX9482 into low-power shutdown mode. In shutdown
mode, OUT1 and OUT2 are low impedance, and the
power-supply currents drop to less than 10% of their nor-
mal quiescent operating values. When coming out of shut-
down, allow about 1.5µs before commencing operation.
PC Board Layout
Power-Supply Bypassing
The MAX9480/MAX9481/MAX9482 are wide-bandwidth
devices and require careful board layout, including the
possible use of constant-impedance microstrip or
stripline techniques. To realize the full AC performance
of these high-speed amplifiers, pay careful attention to
power-supply bypassing. The PC board should have at
least two layers: a signal and power layer on one side,
and a large, low-impedance ground plane on the other
side. The ground plane should be as free of voids as
possible. With multilayer boards, locate the ground
plane on a layer that incorporates no signal or power
traces. Observe the following guidelines when design-
ing the board. IC sockets increase parasitic capaci-
tance and inductance, and should not be used. Do not
make 90° turns; round all corners. Observe high-fre-
quency bypassing techniques to maintain the amplifier’s
V
V
G
R
R
Equation
OUT
IN
F
G
== +
[]
12
V
V
G
Z
ZG
R
R
Equation
OUT
IN
OL S
OL S
IN
F
=×
+×
+
[]
()
()
()
1
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
8
_______________________________________________________________________________________
VOUT
RF
RIN
ZOL
+1
+1
RG
VIN
MAX9480
MAX9481
MAX9482
Figure 1. Current Feedback Amplifier Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com