Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9482CUI Datasheet HTML 1Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 2Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, VLP = +2.5V, VLM = -2.5V, DGND = 0, RXIN1+ = RXIN2+ = 0, IN1+ = IN2+ = 0, RL = 16
Ω is connected from
OUT1 to OUT2, SHDN = 0, TA = +25°C, unless otherwise noted. Preamp configured for AV = +1 with 1k
Ω from RXOUT_- to RXIN_-.
Receiver configured for AV = +1 with 1k
Ω from POUT_ to IN_-.)
SUPPLY CURRENT vs. OUTPUT VOLTAGE
VOUTP-P (V)
9
8
7
6
5
4
3
2
1
100
200
300
400
500
600
0
010
=
±5V SUPPLY
=
±2.5V SUPPLY
INPUT = DC
fINPUT = 1MHz
IDC
IAVG
IAVG
fINPUT = 100kHz
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
14
18
22
26
30
10
-40
85
2.5V SUPPLY
5V SUPPLY
MAX9481
TRANSMIT PATH
FREQUENCY RESPONSE
MAX9480 toc04
FREQUENCY (MHz)
10
1
0.1
-60
-40
-20
0
20
40
60
80
-80
-280
-260
-240
-220
-200
-180
-160
-140
-300
0.01
100
= GAIN
= PHASE
OVERALL GAIN = -9V/V
PREAMP GAIN = +3V/V
OVERALL GAIN = -3V/V
PREAMP GAIN = +1V/V
DRIVER HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
-80
-60
-40
-20
0
-100
0.01
10
VOUTP-P = 2.0V
2ND HARMONIC
3RD HARMONIC
2ND HARMONIC
2ND HARMONIC
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.6
1.2
1.8
2.4
3.0
0
-40
85
2.5V SUPPLY
5V SUPPLY
MAX9481
DRIVER HARMONIC DISTORTION
vs. OUTPUT VOLTAGE
VOUT (DIFF) (VP-P)
16
14
10
12
6
8
4
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
218
2ND HARMONIC
3RD HARMONIC
2ND HARMONIC
2ND HARMONIC
f = 1MHz
SUPPLY CROSSOVER REGION
RECEIVER AMPLIFIER
FREQUENCY RESPONSE
MAX9480 toc07
FREQUENCY (MHz)
100
10
1
0.1
-30
-20
-10
0
10
20
30
-40
-90
-45
0
45
90
135
-135
0.01
1000
A: GAIN = 10V/V
B: GAIN = 5V/V
C: GAIN = 1V/V
= GAIN
= PHASE
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com