Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 2Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VLP = +2.5V, VLM = -2.5V, DGND = 0, RXIN1+ = RXIN2+ = 0, IN1+ = IN2+ = 0, RL = 16
Ω is connected from
OUT1 to OUT2, SHDN = 0, TA = +25°C, unless otherwise noted. Preamp configured for AV = +1 with 1k
Ω from RXOUT_- to RXIN_-.
Receiver configured for AV = +1 with 1k
Ω from POUT_ to IN_-.)
FREQUENCY (MHz)
0.1
0.01
10
1
0.001
100
1
MAX9480 toc08
RECEIVER INPUT NOISE
vs. FREQUENCY
1
10
100
in-
in+
en
RECEIVER AMPLIFIER HARMONIC
DISTORTION vs. OUTPUT AMPLITUDE
OUTPUT VOLTAGE (VP-P)
3
2
1
-90
-80
-70
-60
-50
-40
-100
04
2ND HARMONIC
RLOAD = 150
Ω
f = 100kHz
AV = 1V/V
3RD HARMONIC
FREQUENCY (MHz)
0.1
0.01
0.001
-150
-140
-130
-120
-110
-100
-160
0.0001
1
OUTPUT NOISE vs. FREQUENCY
PREAMP GAIN = 3
PREAMP GAIN = 1
RECEIVER AMPLIFIER HARMONIC
DISTORTION vs. FREQUENCY
FREQUENCY (MHz)
0.1
0.01
-90
-80
-70
-60
-50
-40
-100
0.001
1
3RD HARMONIC
2ND HARMONIC
RLOAD = 150
Ω
VOUT = 1VP-P
AV = 10V/V
TEMPERATURE (
°C)
60
35
-15
10
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.00
-40
85
VOH AND VOL vs. TEMPERATURE
VCC - VOL
|VCC - VOL|
LINE POWER (dBm)
21
20
13 14 15
17 18
16
19
450
500
550
600
650
700
750
800
400
12
22
POWER DISSIPATION vs. LINE POWER
MAX9480/MAX9482
MAX9481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com