Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 11Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 12Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 13Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 14Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 15Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
This smooth transition between the lower voltage ampli-
fier and the higher voltage amplifier guarantees no
glitch on the output signal, and ensures high linearity for
high output power, while at the same time consuming
minimum power. The relation between the input voltage
and the output current of this pseudo-class-G buffer is
illustrated in Figure 8.
Thermal Protection and Power Dissipation
The MAX9480/MAX9481/MAX9482 are available in the
EP version of the TSSOP. The EP facilitates heat trans-
fer out of the package if the pad is soldered to a heat
sink made from an area of circuit board copper.
Connect this copper dissipation area to VEE. For a
DMT-modulated signal with a crest factor greater than
or equal to 5.3, the power dissipation of the
MAX9480/MAX9481/MAX9482 should not exceed
700mW; the 20-pin TSSOP-EP package with its EP
floating allows 714mW peak power at +85°C. Hence,
heat sinking is not essential, but is desirable for attain-
ing optimal electrical performance. Note that the part is
capable of 500mA peak output current, which could
cause thermal shutdown in applications with elevated
ambient temperatures and/or signals with low crest fac-
tors. The thermal shutdown feature prevents the die
temperature from exceeding +150°C. See Figure 9 for
a guide to power derating for each of the packages.
Transformer Selection
Full-rate, central-office ADSL requires the transmission
of a +20.4dBm (110mW) DMT signal. The DMT signal
has a typical crest factor of 5.3, requiring the line driver
to provide peak line power of 35.4dBm (3.4W). The
35.4dBm peak line power translates to a 36V peak-to-
peak differential voltage on a 100
Ω line. The output
swing available from the MAX9480 family of line drivers
with a ±5V supply is 15.0VP-P, and hence a step-up
transformer with turns ratio of 1:2.5 is needed. In the
Typical Operating Circuit, the MAX9480 is coupled to
the phone line through just such a transformer. The
total differential load for the MAX9480 is therefore 16
Ω.
Active termination is included on all devices in the
MAX9480 family (as explained above in the Output-
Impedance Synthesis section).
Receiver Channel Considerations
A step-up transformer at the output of the differential
line driver has a step-down effect on signals received
from the line. A voltage attenuation equal to the inverse
of the turns ratio is realized in the receive channel. This
is an addition to the attenuation due to the hybrid cir-
cuitry itself (see the Hybrid Considerations section).
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
12
______________________________________________________________________________________
IOUT
LOWER
VOLTAGE
AMPLIFIER
HIGHER
VOLTAGE
AMPLIFIER
VIN
LOAD
IOUTA
IOUTB
-2.5V
+5V
-5V
+2.5V
Figure 7. Output Stage of Pseudo-Class-G Amplifier
TEMPERATURE (
°C)
60
35
10
-15
1000
2000
3000
4000
5000
0
-40
85
20-TSSOP, PAD FLOATING
28-TSSOP, PAD TO VEE
28-TSSOP, PAD FLOATING
QFN
20-TSSOP, PAD TO VEE
Figure 9. Maximum Power Dissipation vs. Temperature
IOUT
IOUTB
IOUTA
I
VIN
Figure 8. Amplifier Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com