Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 11Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 12Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 13Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
The equation for total DC error is:
[Equation 3]
The total output-referred noise voltage is:
[Equation 4]
The MAX9480/MAX9481/MAX9482 have very low noise
input voltage (en), 3.5nV/
√Hz (typ). The current noise at
the noninverting input (in+) is 4.0pA/
√Hz (typ), and the
current noise at the inverting input, in-, is 15pA/
√Hz (typ).
An example of the DC error calculations, using the
MAX9480 data and the Typical Operating Circuit where
RF = RG = 1k
Ω (RF || RG = 500Ω) and RS = 50Ω, gives
the following, using equation 3:
where VOUT = 6.7mV at the preamp outputs.
Calculating total preamp output noise using equation 4
yields 16.6nV/
√Hz, which then contributes 50nV/√Hz at
the driver output. The driver noise contributes an addi-
tional 35mV/
√Hz, to the overall output noise.
Driving Capacitive Loads
The MAX9480/MAX9481/MAX9482 receive amplifiers
are optimized for AC performance. They are not
designed to drive highly capacitive loads. Reactive
loads decrease phase margin and can produce exces-
sive ringing and oscillation.
Output-Impedance Synthesis
To help meet the contradictory requirements of high
output power and low-power use, the active termination
circuit shown in Figure 5 is used. This circuit is
designed to present a line termination of 8
Ω. R1 is a
physical 1.6
Ω resistor voltage feedback from the out-
board end of R1 to the noninverting input of the amplifi-
er, introduces positive feedback, which increases the
effective output-impedance value from 1.6
Ω to 8Ω.
Hence, the impedance looking into the port matches
the line impedance reflected through the transformer.
Assuming an ideal amplifier, the following equation
expresses the output impedance:
Substituting the values of the resistors shown in Figure
4 into equation 5, we obtain ZOUT = 8
Ω.
The output equivalent circuit for the line driver is shown
in Figure 5.
Z
R
R
R
R
RR
Equation
OUT =
−+


+
[]
1
7
8
10
910
11
5
V
x
OUT =
×
() +×
() ×
+


++


−−
1 0
10
50
2 6 10
1000 1000
1000 1000
0 002
1
1000
1000
66
..
.
e
R
R
iRs
i
R
R
e
n OUT
F
G
nn
F
G
n
()
||
(
)
=+

 ()
[] + ()
[] +
+−
1
22
2
VI
R
I
R
R
V
R
R
OUT
B
S
B
F
G
OS
F
G
=
() ++
[] +


+−
()(
||
)
1
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
10
______________________________________________________________________________________
ZOUT
R7
800
Ω
R8
667
Ω
R1
1.6
Ω
R9
945
Ω
R10
540
Ω
Figure 4. Active Line Termination Scheme, Single Side
VOUT
RF
RG
MAX9480
MAX9481
MAX9482
IB-
IB+
RS
Figure 3. Input Offset Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com