Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
_______________________________________________________________________________________
7
Pin Description
PIN
MAX9482
MAX9480
MAX9481
TSSOP
QFN
NAME
FUNCTION
1
2
2
31
POUT1
First Preamp Output
2
3
3
1
IN1-
First Inverting Input
3
4
4
2
IN1+
First Noninverting Input
4
—
11
10
RXP
Positive Receiver Output from Internal Hybrid
5
5
5
3
DGND
Ground
6
6
6
4
SHDN
Shutdown Control Pin
7
—
16
15
RXM
Negative Receiver Output from Internal Hybrid
8
7
7
5
IN2+
Second Preamp Noninverting Input
9
8
8
6
IN2-
Second Preamp Inverting Input
10
9
9
7
POUT2
Second Preamp Output
11, 20
11, 20
18, 28
17, 28
VLM
-2.5V Negative Power-Supply Voltage
12, 19
12, 19
19, 27
18, 27
VLP
+2.5V Positive Power-Supply Voltage
13, 18
13, 18
20, 25
19, 24
VCC
+5V Positive Power-Supply Voltage
14
14
21
20
OUT2
Second Driver Output
15, 16
15, 16
22, 23
21, 22
VEE
-5V First Negative Power-Supply Voltage
17
17
24
23
OUT1
First Driver Output
—
1
1
30
BOUT1
First Driver Output Sense
—
10
10
8
BOUT2
Second Driver Output Sense
——
12
11
RXIN1-
First Receiver Inverting Input
——
13
12
RXIN1+
First Receiver Noninverting Input
——
14
13
RXIN2+
Second Receiver Noninverting Input
——
15
14
RXIN2-
Second Receiver Inverting Input
——
17, 26
9, 16, 25, 26,
29, 32
N.C.
Not Internally Connected
EP
EP
EP
EP
VEE
Exposed pad internally connected to VEE.
See the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com