Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 11Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 12Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 13Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 14Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 15Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 16Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 17Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
14
______________________________________________________________________________________
1.00k
Ω
RCVP
1.00k
Ω
INPUT
SHDN
DGND
IN2+
IN2-
POUT2
IN1-
IN1+
1:2.5
100
Ω
BOUT1
PHONE LINE
OUT1
OUT2
BOUT2
5V
VCC
VLP
2.5V
-5V
VEE
VLM
-2.5V
POUT1
RCVN
MAX9481
1.0k
Ω
1.20k
Ω
250
Ω
1.00k
Ω
1.0k
Ω
1.20k
Ω
250k
Ω
1.00k
Ω
8
Ω
8
Ω
Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com