Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9482CUI Datasheet HTML 1Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 2Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, VLP = +2.5V, VLM = -2.5V, DGND = 0, RL = 16
Ω is connected from OUT1 to OUT2, SHDN = 0, TA = TMIN to
TMAX, unless otherwise noted. Typical values specified at TA = +25°C. Preamp configured for AV = +1 with 1k
Ω from POUT_ to IN_-.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Output Offset-Voltage
Drift
VOS(DRIFT)
±12
µV/
°C
-200mV
≤ VOUT ≤ +200mV
6
8
10
Output Resistance (per Amplifier)
ROUT
SHDN = VCC
8
Ω
-3dB Bandwidth
BW
80
MHz
Slew Rate
SR
VOUT(DIFF) = 14VP-P step
250
V/µs
Output Noise PSD
PN
f = 100kHz to 1.1MHz, referred to 100
Ω line
-127
dBm/Hz
Capacitive Load Stability
No sustained oscillations
1000
pF
PREAMPS AND RECEIVERS (Note 5)
Open-Loop Transimpedance
ZOL
-2V
≤ POUT ≤ +2V
300
k
Ω
VCC - VEE = ±4.75V to ±5.25V
50
87
Power-Supply Rejection Ratio
PSRR
VLP - VLM = ±2.25V to ±2.75V
50
100
dB
Input Offset Voltage
VOS
±2
±10
mV
IN1+, IN2+, RXIN1+, RXIN2+
Bias Current
IB+
±1
±20
µA
IN1+, IN2+, RXIN1+, RXIN2+
Bias Current Matching
IOS+
±0.7
µA
IN1-, IN2-, RXIN1-, RXIN2-
Bias Current
IB-
±2.6
±20
µA
IN1-, IN2-, RXIN1-, RXIN2-
Bias Current Matching
IOS-
±1.2
µA
IN1+, IN2+, RXIN1+, RXIN2+
1.1
M
Ω
Input Resistance
RIN
IN1-, IN2-, RXIN1-, RXIN2-
200
Ω
Input Capacitance
CIN
IN1+, IN2+, IN1-, IN2-, RXIN1+, RXIN2+,
RXIN1-, RXIN2-
2pF
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Guaranteed by the PSRR test.
Note 3: Implied by worst-case output voltage swing (VOUT(DIFF)), crest factor (Cr), and load impedance (RL):
Note 4: Device may exceed absolute maximum ratings for power dissipation if unit is subjected to full-scale sinusoids for long
periods. See the Applications Information section.
Note 5: Receiver specifications guaranteed for MAX9482 only.
P
V
Cr
R
dBmW
DRIVER
OUT DIFF
L
=
×
×


10
250
10
2
2
log
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com