Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9482CUI Datasheet HTML 1Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 2Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, VLP = +2.5V, VLM = -2.5V, DGND = 0, RL = 16
Ω is connected from OUT1 to OUT2, SHDN = 0, TA = TMIN to
TMAX, unless otherwise noted. Typical values specified at TA = +25°C. Preamp configured for AV = +1 with 1k
Ω from POUT_ to IN_-.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC, VEE
2.1
6.0
MAX9480, RL =
∞
VLP, VLM
1.5
5.0
VCC, VEE
0.6
1.2
MAX9481, RL =
∞
VLP, VLM
0.05
0.1
VCC, VEE
2.1
6.0
Shutdown Supply Current
ISD
MAX9482, RL =
∞
VLP, VLM
1.5
5.0
mA
VCC - VEE = ±4.75V to ±5.25V
50
76
Transmit Path Power-Supply
Rejection Ratio (Single Ended)
PSRR
VLP - VLM = ±2.25V to ±2.75V
50
81
dB
Common-Mode Rejection
CMR
-200mV
≤ VCM ≤ +200mV
46
dB
Hybrid Rejection Ratio
(MAX9480 Only)
HRR
VOUT(DIFF) = ±1.2V
35
dB
Driver-to-Receiver Crosstalk
(MAX9482 Only)
XTALK
f = 100kHz
-69
dB
SHDN Logic Low
VIL
0.8
V
SHDN Logic High
VIH
2.0
V
SHDN Input Current
IIH, IIL
SHDN = 0 or SHDN = VCC
±5.0
µA
Shutdown Delay Time
tSHDN
4.8
µs
Shutdown Enable Time
tENABLE
4µs
Intermodulation Distortion
IMD
f1 = 1MHz, f2 = 900kHz, Typical Operating
Circuit, VOUT(DIFF) = 2.0VP-P
-66
dB
DRIVER
DMT modulation (crest factor, Cr = 5.33)
21.4
Maximum RMS Output Power
(Typical Operating Circuit)
(Note 3)
POUT
CAP modulation (crest factor, Cr = 4.00)
24.3
dBmW
Closed-Loop Gain
G
VOUT(DIFF) = 1.2VP-P
-2.7
-3
-3.3
V/V
Second Harmonic Distortion
f = 1MHz, VOUT(DIFF) = 14VP-P,
Typical Operating Circuit (Note 4)
-71
dB
Third Harmonic Distortion
f = 1MHz, VOUT(DIFF) = 14VP-P, Typical
Operating Circuit (Note 4)
-74
dB
Differential Output Voltage Swing
VOUT(DIFF) Typical Operating Circuit (Note 4)
15.0
VP-P
VCC - VOH
0.5
RL = 100
Ω
|VEE - VOL|
0.5
VCC - VOH
1.27
OUT_ Voltage Swing
(per Amplifier) (Note 4)
VOH, VOL
RL = 16
Ω
|VEE - VOL|
1.21
V
VCC - VBOH
0.45
BOUT_ Voltage Swing
(per Amplifier) (Note 4)
VBOH,
VBOL
|VEE - VBOL|
0.42
V
Peak Output Current
IOUT
500
mA
Differential Output Offset Voltage
VOS(DIFF)
IN1+ = IN2+ = 0
±5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com