Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 10Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 11Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 12Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 13Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 14Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
With a 1:2.5 transformer, the two 8
Ω impedances real-
ized by the active-feedback network form a perfect line
termination. The MAX9480 family’s active termination
design makes it possible to use a ±5V power supply
instead of ±12V or ±15V, significantly increasing driver
efficiency.
Hybrid Considerations
The MAX9480 includes an internal hybrid coupling cir-
cuit to realize the receive function with no external com-
ponents. The hybrid couples the transmitted signal
from the line-driver port (Tx port) to the line port and
cancels the echo in the receiving port (Rx port). The
hybrid circuit is detailed in Figure 6. If using the
MAX9481 or the MAX9482, external circuitry must be
added to realize a receive function. The MAX9482
includes two uncommitted op amps for this purpose.
A traditional hybrid network with a 2:1 resistor ratio
must be replaced with a 1.2:1 ratio to achieve nominal
echo cancellation. Additionally, the use of a synthe-
sized output impedance has the side effect of prevent-
ing a “virtual-ground” condition at the driver output
(BOUT), as seen by the receive signal. Hence, the
resulting hybrid circuit exhibits an increased attenua-
tion of the receive signal with respect to a traditional
case with no synthesis. For central-office ADSL appli-
cations, the noise specifications allow this trade-off to
be made.
Pseudo-Class-G Amplifier
The driver consists of two stages: the current-feedback
preamplifier and the voltage-feedback buffer. To save
power, the preamplifier uses a power supply of only
±2.5V. The output swing of the preamplifier is about
3.0VP-P. The buffer is designed as a pseudo-class-G
amplifier with a fixed gain of -3V/V. This buffer stage
employs two power supplies: a lower voltage supply,
±2.5V, and a higher voltage supply, ±5V. In the differ-
ential driver, two parallel amplifiers provide the output
current to the load, as shown in Figure 7.
In this pseudo-class-G amplifier, there is no abrupt
supply switchover between the higher voltage and the
lower voltage amplifiers, as in a traditional class G. It is
a seamless transition that depends only on the ampli-
tude of the input signal and the gain. The lower voltage
amplifier has a high conversion conductance, GA, and
the higher voltage amplifier has a low conductance, GB.
With a low input voltage, the lower voltage amplifier pro-
vides most of the output current to the load. As the volt-
age of the input signal increases, the lower voltage
amplifier starts to saturate and the higher voltage ampli-
fier begins to drive the output.
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
______________________________________________________________________________________
11
ZOUT = 100
Ω
LINE -
LINE +
1:2.5
ZIN = 16
Ω
LINE PORT
Tx PORT
ZOUT = 8
Ω
ZOUT = 8
Ω
Figure 5. Output Equivalent Circuit
OUT2
OUT1
RXP
RXM
R2
1.6
Ω
Rx
PORT
R3
1k
Ω
R5
1k
Ω
R4
1.2k
Ω
R6
1.2k
Ω
LINE
PORT
Tx
0.8Tx
Rx
0.8Rx
-Tx
-0.8Rx
-0.8Tx
-Rx
0Tx + 0.18Rx
0Tx - 0.18Rx
(a) HYBRID CIRCUIT IN MAX9480
(b) TRADITIONAL HYBRID CIRCUIT
R1
1.6
Ω
Tx
PORT
MAX9480
OUT2
OUT1
RXP
RXM
8
Ω
Rx
PORT
1k
Ω
1k
Ω
2k
Ω
2k
Ω
LINE
PORT
Tx
0.5Tx
Rx
0Rx
-Tx
-0.0Rx
-0.5Tx
-Rx
0Tx + 0.67Rx
0Tx - 0.67Rx
8
Ω
Tx
PORT
Figure 6. Hybrid Circuit in the MAX9480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com