Electronic Components Datasheet Search
  English  ▼

X  

MAX9482CUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9482CUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482CUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9482CUI Datasheet HTML 1Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 2Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482CUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX9480/MAX9481/MAX9482 low-power, low-dis-
tortion, class-G, high-current asymmetric digital sub-
scriber line (ADSL) drivers offer Rail-to-Rail® output and
are ideal for ADSL in central-office applications.
Operating from ±5V and ±2.5V supplies, the drivers
incorporate two high-speed current-feedback preampli-
fiers driving two fixed-gain class-G buffers. The buffers
can deliver 20.4dBm average line power with a signal
crest factor of 5.3, and are designed to be directly DC or
AC bridged across a 1:2.5 transformer.
The MAX9480/MAX9481/MAX9482 employ an active line
termination scheme for incoming signals that eliminates
the need for back-match resistors, reducing line-card
power consumption at full rate to less than half of that
required by conventional class-AB line-driver circuits.
The MAX9480 includes a hybrid network and two low-
noise, fixed-gain-of-4.6V/V receive amplifiers. The part is
designed to recover the receive signal to the same level
as that of a conventional line interface circuit that incor-
porates a 1:2 transformer and standard back-matched
hybrid, without degrading signal-to-noise ratio (SNR) or
line-impedance sensitivity. The MAX9481 provides only
the preamplifiers and buffers without the hybrid or
receivers. The MAX9482 provides preamplifiers, buffers,
and uncommitted receive amplifiers. All devices have a
low-output-impedance shutdown function for saving
power when not transmitting.
At full-rate 20.4dBm discrete multitone data transmission
(DMT), the total dynamic power dissipation is only
680mW (MAX9480/MAX9482) or 655mW (MAX9481).
The MAX9480/MAX9481 are available in a 20-pin TSSOP
package and the MAX9482 is available in 28-pin TSSOP
and 32-pin QFN packages. All devices operate over the
extended -40°C to +85°C temperature range.
Applications
Full-Rate ADSL
HDSL
Central Office
DSLAM
Features
o Dissipate Only 655mW While Driving 20.4dBm
ADSL Full-Rate DMT-Modulated Signal
o Operate with ±5.0V and ±2.5V Power Supplies
o Complete ADSL Central-Office Line Interface
(MAX9480/MAX9482)
Two Preamplifiers plus Class-G Rail-to-Rail
Buffers
Active Line Termination plus Integrated Hybrid
(MAX9480)
Low-Noise Uncommitted Receive Amplifiers
(MAX9482)
Fixed-Gain Receive Amplifiers (MAX9480)
Low-Output-Impedance Shutdown Mode
o Preamplifiers, Buffers, and Active Line
Termination Functions (MAX9481)
o High-Output-Drive Capability
15VP-P Differential Output Voltage Swing at
RL = 16
Ω
500mA Output-Drive
o Low Distortion: -71dBc Highest Harmonic at 1MHz
and 14VP-P
o High Speed: 250V/µs Slew Rate, 80MHz -3dB
Bandwidth (G = -3)
o Thermal Shutdown
o Exposed Pads Improve Thermal Performance
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VLM
VLP
VCC
OUT1
RXP
IN1+
IN1-
POUT1
TOP VIEW
VEE
VEE
OUT2
VCC
IN2+
RXM
SHDN
DGND
12
11
9
10
VLP
VLM
POUT2
IN2-
MAX9480
TSSOP
Pin Configurations
Ordering Information
19-2539; Rev 1; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9480CUP
-40
°C to +85°C
20 TSSOP-EP**
MAX9481CUP
-40
°C to +85°C
20 TSSOP-EP
MAX9482CUI
-40
°C to +85°C
28 TSSOP-EP
MAX9482CGJ*
-40
°C to +85°C
32 QFN
Typical Operating Circuits appear at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Pin Configurations continued at end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed pad.


Similar Part No. - MAX9482CUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9482EUI MAXIM-MAX9482EUI Datasheet
524Kb / 18P
Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
More results

Similar Description - MAX9482CUI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
THS6032 TI-THS6032 Datasheet
496Kb / 31P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
Broadcom Corporation.
BCM6410 BOARDCOM-BCM6410 Datasheet
162Kb / 1P
LOW POWER HIGH DENSITY CENTRAL OFFICE ADSL SOLUTION
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
logo
Texas Instruments
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com