Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 22Page - National Semiconductor (TI) PC87307 Datasheet HTML 23Page - National Semiconductor (TI) PC87307 Datasheet HTML 24Page - National Semiconductor (TI) PC87307 Datasheet HTML 25Page - National Semiconductor (TI) PC87307 Datasheet HTML 26Page - National Semiconductor (TI) PC87307 Datasheet HTML 27Page - National Semiconductor (TI) PC87307 Datasheet HTML 28Page - National Semiconductor (TI) PC87307 Datasheet HTML 29Page - National Semiconductor (TI) PC87307 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 218 page
background image
26
Configuration
www.national.com
TABLE 2-4. Parallel Port Address Range Allocation
a. The SuperI/O processor does not decode the Parallel Port outside this range.
Parallel Port Mode
SuperI/O Parallel Port
Configuration Register Bits
7
6
5
4
Decoded Range a
SPP
0
0
x
x
Three registers, from base to base + 02h
EPP (Non ECP Mode 4)
0
1
x
x
Eight registers, from base to base + 07h
ECP, No Mode 4,
No Internal Configuration
1
0
0
0
Six registers, from base to base + 02h and
from base + 400h to base + 402h
ECP with Mode 4,
No Internal Configuration
1
1
1
0
11 registers, from base to base + 07h and
from base + 400h to base + 402h
ECP with Mode 4,
Configuration within Parallel Port
1
0
0
1
or
1
1
1
1
16 registers, from base to base + 07h and
from base + 400h to base + 407h
2.3
THE CONFIGURATION REGISTERS
The configuration registers control the setup of the part.
Their major functions are to:
• Identify the chip
• Enable major functions (such as, the Keyboard Control-
ler (KBC) for the keyboard and the mouse, the Real-
Time Clock (RTC), including Advanced Power Control
(APC), the Floppy Disc Controller (FDC), UARTs, paral-
lel and general purpose ports, power management and
pin functionality)
• Define the I/O addresses of these functions
• Define the status of these functions upon reset
Section 2.3.2 summarizes information for each register of
each function. In addition, the following non-standard, or
card control registers are described in detail in Section 2.4,
starting on page 34.
• Card Control Registers
— SuperI/O Configuration 1 Register (SIOC1)
— SuperI/O Configuration 2 Register (SIOC2)
— Programmable Chip Select Configuration Index
Register
— Programmable Chip Select Configuration Data Reg-
ister
• KBC Configuration Register (Logical Device 0)
— SuperI/O KBC Configuration Register
• FDC Configuration Registers (Logical Device 3)
— SuperI/O FDC Configuration Register
— Drive ID Register
• Parallel Port Configuration Register (Logical Device 4)
— SuperI/O Parallel Port Configuration Register
• UART2 and Infrared Configuration Register (Logical
Device 5)
— SuperI/O UART2 Configuration Register
• UART1 Configuration Register (Logical Device 6)
— SuperI/O UART1 Configuration Register
• Programmable Chip Select Configuration Registers
— CS0 Base Address MSB Register
— CS0 Base Address LSB Register
— CS0 Configuration Register
— CS1 Base Address MSB Register
— CS1 Base Address LSB Register
— CS1 Configuration Register
— CS2 Base Address MSB Register
— CS2 Base Address LSB Register
— CS2 Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com