Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 46Page - National Semiconductor (TI) PC87307 Datasheet HTML 47Page - National Semiconductor (TI) PC87307 Datasheet HTML 48Page - National Semiconductor (TI) PC87307 Datasheet HTML 49Page - National Semiconductor (TI) PC87307 Datasheet HTML 50Page - National Semiconductor (TI) PC87307 Datasheet HTML 51Page - National Semiconductor (TI) PC87307 Datasheet HTML 52Page - National Semiconductor (TI) PC87307 Datasheet HTML 53Page - National Semiconductor (TI) PC87307 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 218 page
background image
50
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
• An external clock may be connected to pin X1C.
The time generation function divides the 32.768 KHz by 215
to derive a 1 Hz signal which serves as the input for time-
keeping functions. Bits 6-4 of RTC Control Register A
(CRA) control the activity and location of the divider chain in
memory. Bits 3-0 of the CRA register select one of fifteen
taps from the divider chain to be used as a periodic inter-
rupt. See Section “RTC Control Register A (CRA), Index
0Ah” on page 52 for a description of divider configurations
and rate selections.
The divider chain is reset to 0 by bits 6-4 of the CRA regis-
ter. An update occurs 500 msec after the divider chain is ac-
tivated by setting normal operational mode (bits 6-4 of CRA
= 010). The periodic flag becomes active one half of the pro-
grammed period after the divider chain is activated.
Figure 4-1 illustrates the internal and external circuitry that
comprise the oscillator.
FIGURE 4-1. Oscillator Internal and External Circuitry
This oscillator is active under normal power or during power
down. It stops only in the event of a power failure with the
oscillator disabled (see “Oscillator Activity” on page 52), or
when battery backup power drops below two volts.
If oscillator input is from an external source, input should be
driven rail to rail and should have a nominal 50% duty cycle.
In this case, oscillator output X2C should be disabled.
External capacitor values should be chosen to provide the
manufacturer’s specified load capacitance for the crystal
when combined with the parasitic capacitance of the trace,
socket, and package, which can vary from 0 to 8 pF. The
rule of thumb in choosing these capacitors is:
CL = (C1 * C2) ÷ (C1 + C2) + CPARASITIC
C2 > C1
C1 can be trimmed to achieve precisely 32768.0 Hz after in-
sertion.
Start-up time for this oscillator may vary from two to seven
seconds due to the high Q of the crystal. The parameters
below describe the crystal requirements:
Parallel, resonant, tuning fork (N cut) or XY bar
Q
≥ 35000
Load Capacitance (CL) 9 to 13 pF
Accuracy and temperature coefficients are user defined.
20 M
Ω
Internal
External
REXT
X1C
X2C
C1
C2
REXT = 120 KΩ
C1 = 10 pF
C2 = 33 pF
CPARASITIC = 8 pF
4.1.2
Timekeeping
Time is kept in BCD or binary format as determined by bit 2
(DM) of Control Register B (CRB). Either 12 or 24 hour rep-
resentation for the hours can be maintained as determined
by bit 1 of CRB. When changing formats, the time registers
must be re-initialized to the corresponding data format.
Daylight savings time and leap year exceptions are handled
by the timekeeping function. When bit 0 (the Daylight Sav-
ing Enable bit, DSE) of CRB is set to 1, time advances from
1:59:59 AM to 3:00:00 on the first Sunday in April, and
changes from 1:59:59 to 1:00:00 on the last Sunday of Oc-
tober. In leap years, February is extended to 29 days.
Updating
Timekeeping is performed by hardware, which updates a
pre-programmed time value once per second. The pre-pro-
grammed time values are written by the user to the following
locations:
The values for seconds, minutes, hours, day of week, date
of month, month and year are located in the common stor-
age area in all three memory banks (See Table 4-6 on page
64). The century value is located in Bank 1 (See Table 4-8
on page 65).
Users must ensure that reading or writing to the time stor-
age locations does not coincide with a system update of
these locations, which would cause invalid and unpredict-
able results.
There are several ways to avoid this contention. Four op-
tions follow:
Method 1 - Set the SET bit (bit 7 of the CRB register) to 1.
This takes a “snapshot” of the internal time registers and
loads it into the user copy. If user copy registers have
been updated, the user copy updates the internal regis-
ters when the SET bit goes from 1 to 0. This mechanism
enables loading new time parameters into the RTC.
Method 2 - Access after detection of an Update-Ended in-
terrupt.
This implies that an update has just completed and
there are 999 msec remaining until the next occurrence.
Method 3 - Poll Update-In-Progress (UIP) (bit 7 in Control
Register A).
The update occurs 244
µsec after the update-in-
progress bit goes high. Therefore if a 0 is read, there is
a minimum of 244
µs in which the time is guaranteed to
remain stable.
Method 4 - Use a periodic interrupt to determine if an up-
date cycle is in progress.
The periodic interrupt is first set to a desired period. Pe-
riodic interrupt appearance then indicates there is a pe-
riod of (Period of periodic interrupt
÷ 2 + 244 µsec)
remaining until another update occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com