Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 51Page - National Semiconductor (TI) PC87307 Datasheet HTML 52Page - National Semiconductor (TI) PC87307 Datasheet HTML 53Page - National Semiconductor (TI) PC87307 Datasheet HTML 54Page - National Semiconductor (TI) PC87307 Datasheet HTML 55Page - National Semiconductor (TI) PC87307 Datasheet HTML 56Page - National Semiconductor (TI) PC87307 Datasheet HTML 57Page - National Semiconductor (TI) PC87307 Datasheet HTML 58Page - National Semiconductor (TI) PC87307 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 218 page
background image
55
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
Bit 7 - Interrupt Request Flag (IRQF)
This read-only bit is the inverse of the value on the IRQ
output signal of the RTC/APC.
0 - IRQ is inactive (high).
1 - IRQ is active (low) and any of the following condi-
tions exists: both PIE and PF are 1; both AIE and
AF are 1; both UIE and UF are 1. (PIE, AIE and
UIE are bits 6, 5 and 4, respectively of the CRB
register.)
4.2.4
RTC Control Register D (CRD), Index 0Dh
This register indicates the validity of the RTC RAM data.
FIGURE 4-8. CRD Bitmap
Bits 6-0 - Reserved
These bits are reserved and are always 0.
Bit 7 - Valid RAM and Time (VRT)
The VRT bit senses the voltage that feeds this logical
device (VCCH or VBAT) and indicates whether or not it
was too low since the last time this bit was read. If it was
too low, the RTC and RAM data are not valid.
This read-only bit is set to 1 when this register is read.
0 - The voltage that feeds the APC/RTC logical device
was too low.
1 - The RTC and RAM data are valid.
WARNING:
If VCCH ramps down at a rate exceeding 1 V/msec, it
may reset this bit.
VRT
76543210
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reserved
Index 0Dh
Power-Up
Required
RTC Control
(CRD)
Reset
Register D
4.3
APC OVERVIEW
Advanced Power Supply Control (APC) is implemented
within the RTC logical device. It enables the PC to power up
automatically, as required by specific conditions, or to pow-
er down in an orderly, controlled manner, replacing the
physical power supply On/Off switch.
The APC device is powered at all times that external AC
power or battery backup power are connected to the RTC
device. This is true even though the PC may be switched off
or disconnected from the external AC power outlet, in which
case the APC device is active but does not activate system
power. The APC device powers up the entire PC system
upon the occurrence of various events (including the power-
on switch event).
WARNING:
The APC device does not function if the 32.768 KHz os-
cillator is not running.
The APC function produces the ONCTL signal to activate
the system power supply, and the Power-Off Request
(POR) interrupt request signal when there is a request for
power off.
ONCTL: The ONCTL signal physically activates or deacti-
vates the system power supply.
The ONCTL value depends on the following:
• External events
• Programmable parameter settings
• The system state when an external event occurs
• The state of the system power supply.
POR: The APC generates a Power-Off Request (POR) in-
terrupt request signal when the power switch is manually
toggled to turn the power off. This enables a software con-
trolled exit procedure (analogous to the autoexec.bat
startup procedure in DOS operating systems) with automat-
ic activation of preprogrammed features such as system
status backup, system activity logging, file closing and
backup, remote communications termination, print comple-
tion, etc.
Table 4-4 shows the registers used for Automatic Power
Supply Control (APC) in the part.
TABLE 4-4. APC Control Register List
4.3.1
User Selectable Parameters
The APC function enables users to tailor system response
to power up, power down, power failure and battery opera-
tion situations.
User-selectable parameters include:
• Enabling various external events to wake up the sys-
tem. See “Power Up” on page 58.
• Wake-up time for an automatic system wake-up. See
“Predetermined Wake-Up” on page 60.
Index
Mnemonic
Description
40h
APCR1
APC Control Register 1
41h
APCR2
APC Control Register 2
42h
APSR
APC Status Register
47h
RLR
RAM Lock Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com