Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 59Page - National Semiconductor (TI) PC87307 Datasheet HTML 60Page - National Semiconductor (TI) PC87307 Datasheet HTML 61Page - National Semiconductor (TI) PC87307 Datasheet HTML 62Page - National Semiconductor (TI) PC87307 Datasheet HTML 63Page - National Semiconductor (TI) PC87307 Datasheet HTML 64Page - National Semiconductor (TI) PC87307 Datasheet HTML 65Page - National Semiconductor (TI) PC87307 Datasheet HTML 66Page - National Semiconductor (TI) PC87307 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 218 page
background image
63
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
4.6.2
APC Register Bitmaps
POR Edge or Level Select
MOAP
SOC
Fail-safe Timer Reset Command
Power Failure
76543210
Reserved
Switch Off Delay Option
Level POR Clear Command
Index 40h
Power-Up
Required
APC Control
(APCR1)
Reset
Register 1
RPTDM
R1E
R2E
SODE
Reserved
76543210
TME
RSS
RE
Index 41h
Power-Up
Required
APC Control
(APCR2)
Reset
Register 2
RI1 Detect
FTD
SOED
Reserved
RS
76543210
TMD
RID
RI2 Detect
Index 42h
Power-Up
Required
APC Status
(APSR)
Reset
Register
1
0
0
0
0
0
Reserved
RAM Block Read
RAM Block Write
RAM Mask Write
RAM Lock
76543210
Reserved
Reserved
Upper RAM Block
0
0
0
0
0
0
0
0
0
0
0
Index 47h
Power-Up
Required
RAM Lock
(RLR)
Reset
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com