Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 33Page - National Semiconductor (TI) PC87307 Datasheet HTML 34Page - National Semiconductor (TI) PC87307 Datasheet HTML 35Page - National Semiconductor (TI) PC87307 Datasheet HTML 36Page - National Semiconductor (TI) PC87307 Datasheet HTML 37Page - National Semiconductor (TI) PC87307 Datasheet HTML 38Page - National Semiconductor (TI) PC87307 Datasheet HTML 39Page - National Semiconductor (TI) PC87307 Datasheet HTML 40Page - National Semiconductor (TI) PC87307 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 218 page
background image
37
Configuration
www.national.com
Bit 0 - TRI-STATE Control
When set, this bit causes the FDC pins to be in TRI-
STATE (except the IRQ and DMA pins) when the FDC is
inactive (disabled).
This bit is ORed with a bit of PMC1 register of logical de-
vice 8.
0 - FDC pins are not put in TRI-STATE.
1 - FDC pins are put in TRI-STATE.
Bits 4-1 - Reserved
Reserved.
Bit 5 - DENSEL Polarity Control
0 - DENSEL is active low for 500 Kbps or 1 Mbps data
rates.
1 - DENSEL is active high for 500 Kbps or 1 Mbps data
rates. (Default)
Bit 6 - TDR Register Mode
0 - AT Compatible TDR mode (bits 7 through 2 of TDR
are not driven).
1 - Enhanced TDR mode (bits 7 through 2 of TDR are
driven on TDR read).
Bit 7 - Four Drive Encode
0 - Two floppy drives are directly controlled by DR1-0,
MTR1-0.
1 - Four floppy drives are controlled with the aid of an
external decoder.
2.6.2
Drive ID Register, Index F1h
This read/write register is reset by hardware to 00h. These
bits control bits 5 and 4 of the enhanced TDR register.
FIGURE 2-10. Drive ID Register Bitmap
Bits 1,0 - Drive 0 ID
These bits are reflected on bits 5 and 4, respectively, of
the Tape Drive Register (TDR) of the FDC when drive 0
is accessed. See Section 5.3.4 on page 73.
Bits 3,2 - Drive 1 ID
These bits are reflected on bits 5 and 4, respectively, of
the TDR register of the FDC when drive 1 is accessed.
See Section 5.3.4 on page 73.
Bits 7-4 - Reserved
These bits are reserved.
Drive 0 ID
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index F1h
Drive ID Register,
Drive 1 ID
2.7
PARALLEL PORT CONFIGURATION REGISTER
(LOGICAL DEVICE 4)
2.7.1
SuperI/O Parallel Port Configuration Register,
Index F0h
This read/write register is reset by hardware to F2h. For nor-
mal operation and to maintain compatibility with future
chips, do not change bits 7 through 4.
FIGURE 2-11. SuperI/O Parallel Port Configuration
Register Bitmap
Bit 0 - TRI-STATE Control
When set, this bit causes the parallel port pins to be in
TRI-STATE (except IRQ and DMA pins) when the paral-
lel port is inactive (disabled). This bit is ORed with a bit
of the PMC1 register of logical device 8.
Bit 1 - Clock Enable
0 - Parallel port clock disabled.
ECP modes and EPP time-out are not functional
when the logical device is active. Registers are
maintained.
1 - Parallel port clock enabled.
All operation modes are functional when the logical
device is active. This bit is ANDed with a bit of the
PMC3 register of the power management device
(logical device 8).
Bit 2 - Reserved
This bit is reserved.
Bit 3 - Reported Parallel Port of PnP ISA Resource Data
Report to the ISA PnP Resource Data the device identi-
fication.
0 - ECP device.
1 - SPP device.
Bit 4 - Configuration Bits within the Parallel Port
0 - The registers at base (address) + 403h, base +
404h and base + 405h are not accessible (reads
and writes are ignored).
1 - When ECP is selected by bits 7 through 5, the reg-
isters at base (address) + 403h, base + 404h and
base + 405h are accessible.
TRI-STATE Control
Parallel Port Mode Select
76543210
Reset
Required
0
1
0
0
1
1
1
1
Index F0h
Configuration Register,
PP of PnP ISA Resource Data
SuperI/O Parallel Port
Clock Enable
Reserved
Configuration Bits within the Parallel Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com