Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 11Page - National Semiconductor (TI) PC87307 Datasheet HTML 12Page - National Semiconductor (TI) PC87307 Datasheet HTML 13Page - National Semiconductor (TI) PC87307 Datasheet HTML 14Page - National Semiconductor (TI) PC87307 Datasheet HTML 15Page - National Semiconductor (TI) PC87307 Datasheet HTML 16Page - National Semiconductor (TI) PC87307 Datasheet HTML 17Page - National Semiconductor (TI) PC87307 Datasheet HTML 18Page - National Semiconductor (TI) PC87307 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 218 page
background image
15
Signal/Pin Connection and Description
www.national.com
1.2
SIGNAL/PIN DESCRIPTIONS
Table 1-1 lists the signals of the part in alphabetical order and shows the pin(s) associated with each. Table 1-2 on page 23
lists the X-Bus Data Buffer (XDB) signals that are multiplexed and Table 1-3 on page 23 lists the pins that have strap func-
tions during reset.
The Module column indicates the functional module that is associated with these pins. In this column, the System label in-
dicates internal functions that are common to more than one module.
The I/O and Group # column describes whether the pin is an input, output, or bidirectional pin (marked as Input, Output or
I/O, respectively). This column also specifies the DC characteristics group to which this pin belongs. See Section 13.2 on
page 183 for details.
Refer to the glossary for an explanation of abbreviations and terms used in this table, and throughout this document. Use
the Table of Contents to find more information about each register.
TABLE 1-1. Signal/Pin Description Table
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function
A15-0
29-26,
23-12
ISA-Bus
Input
Group 1
ISA-Bus Address – A15-0 are used for address decoding on any
access except DMA accesses, on the condition that the AEN signal
is low. See Address Decoding in Section 2.2.2 on page 25.
ACK
113
Parallel Port
Input
Group 3
Acknowledge – This input signal is pulsed low by the printer to
indicate that it has received data from the parallel port. It is pulled up
by an internal nominal 25 K
Ω pull-up resistor.
AFD
119
Parallel Port
I/O
Group 13
Automatic Feed – When this signal is low the printer should
automatically feed a line after printing each line. This pin is in TRI-
STATE after a 0 is loaded into the corresponding control register bit.
An external 4.7 K
Ω pull-up resistor should be attached to this pin.
For Input mode see bit 5 in “Control0, Second Level Offset 00h” on
page 126.
This signal is multiplexed with DSTRB. See Table 6-12 on page 134
for more information.
AEN
30
ISA-Bus
Input
Group 1
DMA Address Enable – This input signal disables function selection
via A15-0 when it is high. Access during DMA transfer is not affected
by this signal.
ASTRB
118
Parallel Port
Output
Group 1
Address Strobe (EPP) – This signal is used in EPP mode as an
address strobe. It is active low.
This signal is multiplexed with SLIN. See Table 6-12 on page 134 for
more information.
BADDR1,0
136, 134
Configuration
Input
Group 5
Base Address Strap Pins 0 and 1 – These pins determine the base
addresses of the Index and Data registers, the value of the Plug and
Play ISA Serial Identifier and the configuration state immediately after
reset. These pins are pulled down by internal 30 K
Ω resistors.
External 10 K
Ω pull-up resistors to V
DD should be employed.
BADDR1 is multiplexed with RTS1. BADDR0 is multiplexed with
DTR1 and BOUT1. See Table 2-2 on page 25 and Section 2.1 on
page 24.
BOUT2,1
144, 134
UART1,
UART2
Output
Group 17
Baud Output – This multi-function pin provides the associated serial
channel Baud Rate generator output signal if test mode is selected,
i.e., bit 7 of the EXCR1 register is set. (See Section “Bit 7 - Baud
Generator Test (BTEST)” on page 155.)
After Master Reset this pin provides the SOUT function.
BOUT2 is multiplexed with DTR2 and CFG1. BOUT1 is multiplexed
with DTR1 and BADDR0.
BUSY
111
Parallel Port
Input
Group 2
Busy – This pin is set high by the printer when it cannot accept
another character. It is internally connected to a nominal 25 K
Ω pull-
down resistor.
This signal is multiplexed with WAIT. See Table 6-12 on page 134 for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com