Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 58Page - National Semiconductor (TI) PC87307 Datasheet HTML 59Page - National Semiconductor (TI) PC87307 Datasheet HTML 60Page - National Semiconductor (TI) PC87307 Datasheet HTML 61Page - National Semiconductor (TI) PC87307 Datasheet HTML 62Page - National Semiconductor (TI) PC87307 Datasheet HTML 63Page - National Semiconductor (TI) PC87307 Datasheet HTML 64Page - National Semiconductor (TI) PC87307 Datasheet HTML 65Page - National Semiconductor (TI) PC87307 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 218 page
background image
62
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
4.5.4
RAM Lock Register (RLR), Index 47h
Once a non-reserved bit is set to 1 it can be cleared only by
hardware (MR pin) reset.
FIGURE 4-14. RAM Lock Register
Bit 2-0 - Reserved
Reserved.
Bit 3 - Upper RAM Block
Controls access to the upper 128 RAM bytes, accessed
via the Upper RAM Address and Data Ports of bank 1
0 - This bit has no effect on upper RAM access.
1 - Upper RAM Data Port of bank 1 is blocked: writes
are ignored and reads return FFh.
Bit 4 - RAM Block Read
This bit controls reads from RAM bytes 80h-9Fh (00h-
1Fh of upper RAM).
0 - This bit has no effect on upper RAM access.
1 - Reads from bytes 00h-1Fh of upper RAM return
FFh.
Bit 5 - RAM Block Write
This bit controls writes to bytes 80h-9Fh (00h-1Fh of up-
per RAM).
0 - This bit has no effect on upper RAM access.
1 - Writes to bytes 00h-1Fh of upper RAM are ignored.
Bit 6 - RAM Mask Write
This bit controls writes to all RTC RAM.
0 - This bit has no effect on RAM access.
1 - Writes to bank 0 RAM and to upper RAM are ig-
nored.
Bit 7 - RAM Lock
0 - This bit has no effect on RAM access.
1 - Read and write to locations 38h-3Fh of all banks
are blocked. Writes are ignored, and reads return
FFh.
Reserved
RAM Block Read
RAM Block Write
RAM Mask Write
RAM Lock
76543210
Reserved
Reserved
Upper RAM Block
0
0
0
0
0
0
0
0
0
0
0
Index 47h
Power-Up
Required
RAM Lock
(RLR)
Reset
Register
4.6
RTC AND APC REGISTER BITMAPS
4.6.1
RTC Register Bitmaps
RS2
DV0
DV2
UIP
76543210
0
0
0
0
0
1
0
0
RS0
RS3
DV1
RS1
DM
UIE
AIE
PIE
SET
76543210
0
0
0
0
DSE
24 or 12 Hour Mode
Unused
0
UF
AF
PF
IRQF
76543210
0
0
0
0
0
0
0
0
0
0
0
Reserved
Index 0Ah
Power-Up
Required
RTC Control
(CRA)
Reset
Register A
Index 0Bh
Power-Up
Required
RTC Control
(CRB)
Reset
Register B
Index 0Ch
Power-Up
Required
RTC Control
(CRC)
Reset
Register C
VRT
76543210
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reserved
Index 0Dh
Power-Up
Required
RTC Control
(CRD)
Reset
Register D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com