Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 34Page - National Semiconductor (TI) PC87307 Datasheet HTML 35Page - National Semiconductor (TI) PC87307 Datasheet HTML 36Page - National Semiconductor (TI) PC87307 Datasheet HTML 37Page - National Semiconductor (TI) PC87307 Datasheet HTML 38Page - National Semiconductor (TI) PC87307 Datasheet HTML 39Page - National Semiconductor (TI) PC87307 Datasheet HTML 40Page - National Semiconductor (TI) PC87307 Datasheet HTML 41Page - National Semiconductor (TI) PC87307 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 218 page
background image
38
Configuration
www.national.com
This option supports run-time configuration within
the Parallel Port address space. An 8-byte (and
1024-byte) aligned base address is required to ac-
cess these registers. See Chapter 6 on page 111
for details.
Bit 7-5 - Parallel Port Mode Select
Bit 5 is the LSB.
Selection of EPP 1.7 or 1.9 in ECP mode 4 is controlled
by bit 4 of the Control2 configuration register of the par-
allel port at offset 02h. See Section 6.5.17 on page 126.
000 - SPP Compatible mode. PD7-0 are always output
signals.
001 - SPP Extended mode. PD7-0 direction controlled
by software.
010 - EPP 1.7 mode.
011 - EPP 1.9 mode.
100 - IEEE1284 mode (IEEE1284 register set), with no
support for EPP mode.
101 - Reserved.
110 - Reserved.
111 - IEEE1284 mode (IEEE1284 register set), with
EPP mode selectable as mode 4.
2.8
UART2 AND INFRARED CONFIGURATION
REGISTER (LOGICAL DEVICE 5)
2.8.1
SuperI/O UART2 Configuration Register,
Index F0h
This read/write register is reset by hardware to 02h.
FIGURE 2-12. SuperI/O UART2 Configuration Register
Bitmap
Bit 0 - TRI-STATE Control for UART signals
This bit controls the TRI-STATE status of UART signals
(except IRQ and DMA signals) when the UART is inac-
tive (disabled). This bit is ORed with a bit of the PMC1
register of the power management device (logical de-
vice 8).
0 - Signals not in TRI-STATE.
1 - Signals in TRI-STATE.
Bit 1 - Power Mode Control
0 - Low power mode.
TRI-STATE Control for
Bank Select Enable
76543210
Reset
Required
0
1
0
0
0
0
0
0
Index F0h
Configuration Register,
Ring Detection on RI Pin
SuperI/O UART2
Power Mode Control
Busy Indicator
Reserved
UART2 Signals
UART Clock disabled. UART output signals are set
to their default state. The RI input signal can be
programmed to generate an interrupt. Registers
are maintained.
1 - Normal power mode.
UART clock enabled. The UART is functional when
the logical device is active. This bit is ANDed with a
bit of the PMC3 register of the power management
device (logical device 8)
Bit 2 - Busy Indicator
This read-only bit can be used by power management
software to decide when to power down the logical de-
vice. This bit is also accessed via the PMC3 register of
the power management device (logical device 8).
0 - No transfer in progress.
1 - Transfer in progress.
Bit 3 - Ring Detection on RI Pin
0 - The UART RI input signal uses the RI pin.
1 - The UART RI input signal is the RING detection
signal on the RING pin. RING pin is selected by the
APCR2 register of the Advanced Power Control
(APC) module.
Bits 6-4 - Reserved
These bits are reserved.
Bit 7 - Bank Select Enable
Enables bank switching. If this bit is cleared, all attempts
to access the extended registers are ignored.
2.9
UART1 CONFIGURATION REGISTER
(LOGICAL DEVICE 6)
2.9.1
SuperI/O UART1 Configuration Register,
Index F0h
This read/write register is reset by hardware to 02h. Its bits
function like the bits in the SuperI/O UART2 Configuration
register.
FIGURE 2-13. SuperI/O UART1 Configuration Register
Bitmap
TRI-STATE Control for
Bank Select Enable
76543210
Reset
Required
0
1
0
0
0
0
0
0
Index F0h
Configuration Register,
Ring Detection on RI Pin
SuperI/O UART1
Power Mode Control
Busy Indicator
Reserved
UART1 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com