Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 113Page - National Semiconductor (TI) PC87307 Datasheet HTML 114Page - National Semiconductor (TI) PC87307 Datasheet HTML 115Page - National Semiconductor (TI) PC87307 Datasheet HTML 116Page - National Semiconductor (TI) PC87307 Datasheet HTML 117Page - National Semiconductor (TI) PC87307 Datasheet HTML 118Page - National Semiconductor (TI) PC87307 Datasheet HTML 119Page - National Semiconductor (TI) PC87307 Datasheet HTML 120Page - National Semiconductor (TI) PC87307 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 218 page
background image
117
Parallel Port (Logical Device 4)
www.national.com
6.3.9
EPP Data Register 3 (DATA3), Offset 07h
This is the fourth EPP data register. It is only accessed to
transfer bits 31 through 24 of a 32-bit read or write to EPP
Data Register 0 (DATA0).
FIGURE 6-11. EPP DATA3 Register Bitmap
6.3.10
EPP Mode Transfer Operations
The EPP transfer operations are address read or write, and
data read or write. An EPP transfer is composed of a sys-
tem read or write cycle from or to an EPP register, and an
EPP read or write cycle from a peripheral device to an EPP
register or from an EPP register to a peripheral device.
EPP 1.7 Address Write
The following procedure selects a peripheral device or reg-
ister as illustrated in Figure 6-12.
1. The system writes a byte to the EPP Address register.
WR becomes low to latch D7-0 into the EPP Address
register. The latch drives the EPP Address register onto
PD7-0 and the EPP pulls WRITE low.
2. The EPP pulls ASTRB low to indicate that data was
sent.
3. If WAIT was low during the system write cycle,
IOCHRDY becomes low. When WAIT becomes high,
the EPP pulls IOCHRDY high.
4. When IOCHRDY becomes high, it causes WR to be-
come high. If WAIT is high during the system write cycle,
then the EPP does not pull IOCHRDY to low.
5. When WR becomes high, it causes the EPP to pull first
ASTRB and then WRITE to high. The EPP can change
PD7-0 only when WRITE and ASTRB are both high.
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 3
(DATA3)
Offset 07h
D26
D28
D29
D30
D31
D24
D25
D27
EPP Device
Read or Write Data
FIGURE 6-12. EPP 1.7 Address Write
EPP 1.7 Address Read
The following procedure reads from the EPP Address reg-
ister as shown in Figure 6-13.
1. The system reads a byte from the EPP Address register.
RD goes low to gate PD7-0 into D7-0.
2. The EPP pulls ASTRB low to signal the peripheral to
start sending data.
3. If WAIT is low during the system read cycle. Then the
EPP pulls IOCHRDY low. When WAIT becomes high,
the EPP stops pulling IOCHRDY to low.
4. When IOCHRDY becomes high, it causes RD to be-
come high. If WAIT is high during the system read cycle
then the EPP does not pull IOCHRDY to low.
5. When RD becomes high, it causes the EPP to pull
ASTRB high. The EPP can change PD7-0 only when
ASTRB is high. After ASTRB becomes high, the EPP
puts D7-0 in TRI-STATE.
FIGURE 6-13. EPP 1.7 Address Read
D7-0
WR
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS
D7-0
RD
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com