Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 118Page - National Semiconductor (TI) PC87307 Datasheet HTML 119Page - National Semiconductor (TI) PC87307 Datasheet HTML 120Page - National Semiconductor (TI) PC87307 Datasheet HTML 121Page - National Semiconductor (TI) PC87307 Datasheet HTML 122Page - National Semiconductor (TI) PC87307 Datasheet HTML 123Page - National Semiconductor (TI) PC87307 Datasheet HTML 124Page - National Semiconductor (TI) PC87307 Datasheet HTML 125Page - National Semiconductor (TI) PC87307 Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 218 page
background image
122
Parallel Port (Logical Device 4)
www.national.com
Bit 7 -Printer Status
This bit reflects the inverse of the state of the BUSY sig-
nal.
0 - Printer is busy (cannot accept another character
now).
1 - Printer not busy (ready for another character).
6.5.6
ECP Control Register (DCR), Offset 002h
Reading this register returns the register content (not the
signal values, as in SPP mode).
FIGURE 6-20. DCR Register Bitmap
Bit 0 - Data Strobe Control
Bit 0 directly controls the data strobe signal to the printer
via the STB signal. It is the inverse of the STB signal.
0 - The STB signal is inactive in all modes except 010
and 011. In these modes, it may be active or inac-
tive as set by the software.
1 - In all modes, STB is active.
Bit 1 - Automatic Line Feed Control
This bit directly controls the automatic feed XT signal to
the printer via the AFD signal. Setting this bit high caus-
es the printer to automatically feed after each line is
printed. This bit is the inverse of the AFD signal.
In mode 011, AFD is activated by both ECP hardware
and by software using this bit.
0 - No automatic line feed. (Default)
1 - Automatic line feed.
Bit 2 - Printer Initialization Control
Bit 2 directly controls the signal to initialize the printer via
the INIT signal. Setting this bit to low initializes the print-
er. The INIT signal follows this bit.
0 - Initialize printer. (Default)
1 - Printer initialized.
Bit 3 - Parallel Port Input Control
This bit directly controls the select input device signal to
the printer via the SLIN signal. It is the inverse of the
SLIN signal.
This bit must be set to 1 before enabling the EPP or
ECP modes.
0 - The printer is not selected.
1 - The printer is selected.
76543210
Reset
Required
0
0
0
0
0
0
1
1
ECP Control
Register (DCR)
Offset 002h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
Bit 4 - Interrupt Enable
Bit 4 enables the interrupt generated by the ACK signal.
In ECP mode, this bit should be set to 0. This bit does
not float the IRQ pin.
0 - Masked. (Default)
1 - Enabled.
Bit 5 - Direction Control
This bit determines the direction of the parallel port.
This is a read/write bit in EPP mode. In SPP mode it is
a write only bit. A read from it returns 1. In SPP Compat-
ible mode and in EPP mode it does not control the direc-
tion. See Table 6-4.
The ECP drives the PD7-0 pins in the forward direction,
but does not drive them in the backward direction.
This bit is readable and writable. In modes 000 and 010
the direction bit is forced to 0, internally, regardless of
the data written into this bit.
0 - ECP drives forward in output mode. (Default)
1 - ECP direction is backward.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
6.5.7
Parallel Port Data FIFO (CFIFO) Register,
Bits 7-5 of ECR = 010, Offset 400h
The Parallel Port FIFO (CFIFO) register is write only. A byte
written to this register by PIO or DMA is pushed into the
FIFO and tagged as data.
Reading this register has no effect and the data read is un-
defined.
FIGURE 6-21. CFIFO Register Bitmap
6.5.8
ECP Data FIFO (DFIFO) Register,
Bits 7-5 of ECR = 011, Offset 400h
This bi-directional FIFO functions as either a write-only de-
vice when bit 5 of DCR is 0, or a read-only device when it is
1.
In the forward direction (bit 5 of DCR is 0), a byte written to
the ECP Data FIFO (DFIFO) register by PIO or DMA is
pushed into the FIFO and tagged as data. Reading this reg-
ister when set for write-only has no effect and the data read
is undefined.
In the backward direction (bit 5 of DCR is 1), the ECP auto-
matically issues ECP read cycles to fill the FIFO.
Reset
Required
Parallel Port FIFO
Register (CFIFO)
Offset 400h
Bits 7-5 of ECR = 010
76543210
0
0
0
0
0
0
0
0
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com