Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 130Page - National Semiconductor (TI) PC87307 Datasheet HTML 131Page - National Semiconductor (TI) PC87307 Datasheet HTML 132Page - National Semiconductor (TI) PC87307 Datasheet HTML 133Page - National Semiconductor (TI) PC87307 Datasheet HTML 134Page - National Semiconductor (TI) PC87307 Datasheet HTML 135Page - National Semiconductor (TI) PC87307 Datasheet HTML 136Page - National Semiconductor (TI) PC87307 Datasheet HTML 137Page - National Semiconductor (TI) PC87307 Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 218 page
background image
134
Parallel Port (Logical Device 4)
www.national.com
76543210
Reset
Required
0
0
0
0
0
0
0
0
PP Confg0 Register
Offset 05h
ECP DMA Channel Number
PE Internal Pull-up or Pull-down
ECP IRQ Number
Demand DMA Enable
Bit 3 of CNFGA
Second Level
6.8
PARALLEL PORT PIN/SIGNAL LIST
Table 6-12 shows the standard 25-pin, D-type connector
definition for various parallel port operations.
TABLE 6-12. Parallel Port Pinout
Connector
Pin
Pin No.
SPP, ECP
Mode
I/O
EPP
Mode
I/O
1112
STB
I/O
WRITE
I/O
2
122
PD0
I/O
PD0
I/O
3
123
PD1
I/O
PD1
I/O
4
124
PD2
I/O
PD2
I/O
5
125
PD3
I/O
PD3
I/O
6
126
PD4
I/O
PD4
I/O
7
127
PD5
I/O
PD5
I/O
8
128
PD6
I/O
PD6
I/O
9
129
PD7
I/O
PD7
I/O
10
113
ACK
I
ACK
I
11
111
BUSY
I
WAIT
I
12
115
PE
I
PE
I
13
114
SLCT
I
SLCT
I
14
119
AFD
I/O
DSTRB
I/O
15
116
ERR
I
ERR
I
16
117
INIT
I/O
INIT
I/O
17
118
SLIN
I/O
ASTRB
I/O
18 - 23
GND
GND
25
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com