Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 154Page - National Semiconductor (TI) PC87307 Datasheet HTML 155Page - National Semiconductor (TI) PC87307 Datasheet HTML 156Page - National Semiconductor (TI) PC87307 Datasheet HTML 157Page - National Semiconductor (TI) PC87307 Datasheet HTML 158Page - National Semiconductor (TI) PC87307 Datasheet HTML 159Page - National Semiconductor (TI) PC87307 Datasheet HTML 160Page - National Semiconductor (TI) PC87307 Datasheet HTML 161Page - National Semiconductor (TI) PC87307 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 218 page
background image
158
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
TABLE 7-21. Sharp-IR or SIR Mode Selection
Bits 7-4 - Reserved
Read/Write 0.
7.14.3
Link Control Register (LCR) and Bank Select
Register (BSR), Bank 4, Offset 03h
These registers are the same as the registers at offset 03h
in bank 0.
7.14.4
Reserved Registers, Bank 4, Offsets 04h -07h
These registers are reserved.
7.15 BANK 5 – INFRARED CONTROL REGISTERS
TABLE 7-22. Bank 5 Registers
7.15.1
Reserved Registers, Bank 5, Offsets 00h -02h
These registers are reserved.
7.15.2
(LCR/BSR) Register, Bank 5, Offset 03h
These registers are the same as the registers at offset 03h
in bank 0.
7.15.3
Infrared Control Register 2 (IRCR2), Bank 5,
Offset 04h
This register controls the basic settings of the infrared modes.
Upon reset, the content of this register is 02h.
IR_SL1
IR_SL0
Selected Mode
0
0
UART (Default)
0
1
Reserved
1
0
Sharp-IR
1
1
SIR
Offset
Register
Name
Description
00-02h
Reserved
03h
LCR/
BSR
Link Control Register/
Bank Select Register
04h
IRCR2
Infrared Control Register 2
05h - 07h
Reserved
FIGURE 7-32. IRCR2 Register Bitmap
Bit 0 - Enable Infrared Full Duplex Mode (IR_FDPLX)
When set to 1, the infrared receiver is not masked dur-
ing transmission.
Bit 1 - MSR Register Function Select in Infrared Mode
(IRMSSL)
This bit selects the behavior of the Modem Status Reg-
ister (MSR) and the Modem Status Interrupt (MS_EV)
when any infrared mode is selected. When a UART
mode is selected, the Modem Status Register and the
Modem Status Interrupt function normally, and this bit is
ignored.
0 - MSR register and modem status interrupt work in
the IR modes as in the UART mode (Enables ex-
ternal circuitry to perform carrier detection and pro-
vide wake-up events).
1 - The MSR returns 30h, and the Modem Status Inter-
rupt is disabled. (Default)
Bits 3,2 -Reserved
Read/Write 0.
Bit 4 - Auxiliary Infrared Input Select (AUX_IRRX)
When set to 1, the infrared signal is received from the
auxiliary input. (Separate input signals may be desired
for different front-end circuits). See Table 7-31 on page
165.
Bit 5-7 - Reserved
Read/Write 0.
7.15.4
Reserved Registers, Bank 5, Offsets 05h -07h
These registers are reserved.
76543210
Reset
Required
0
1
0
0
0
0
0
0
0
Register 2
(IRCR2)
Bank 5,
AUX_IRRX
IR_FDPLX
IRMSSL
Infrared Control
Offset 04h
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com