Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 14Page - Texas Instruments TMP464 Datasheet HTML 15Page - Texas Instruments TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
TMP464
SBOS835 – MAY 2017
www.ti.com
18
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Register bits highlighted in purple are reserved for future use and always reports 0; writes to these bits are ignored.
(2)
Register bits highlighted in green show sign extended values.
7.6 Register Maps
Table 3. Register Map
PTR
POR
Lock
TMP464 Functional Registers - BIT DESCRIPTION
REGISTER DESCRIPTION
(HEX)
(HEX)
(Y/N)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
0000
N/A
LT12
LT11
LT1
0
LT9
LT8
LT7
LT6 LT5 LT4
LT3
LT2
LT1
LT0
0(1)
0
0
Local temperature
01
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 1
02
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 2
03
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 3
04
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 4
20
0000
N/A
RST
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Software Reset Register
21
N/A
N/A
0
0
0
0
R4TH R3TH R2
TH
R1
TH
LTH
0
0
0
0
0
0
0
THERM Status
22
N/A
N/A
0
0
0
0
R4TH
2
R3TH
2
R2
TH
2
R1
TH
2
LTH2
0
0
0
0
0
0
0
THERM2 Status
23
N/A
N/A
0
0
0
0
R4O
PN
R3O
PN
R2
OP
N
R1
OP
N
0
0
0
0
0
0
0
0
Remote channel OPEN Status
30
0F9C
Y
0
0
0
0
REN4 REN3 RE
N2
RE
N1
LEN
OS
SD
CR2
CR1
CR0
BU
SY
0
Configuration Register (Enables,
OneShot, ShutDown, ConvRate,
BUSY)
38
0080
Y
0
HYS1
1
HY
S10
HYS9 HYS8 HYS7 HY
S6
HY
S5
HYS4 0
0
0
0
0
0
0
THERM hysteresis
39
3E80
(125°C)
Y
LTH1_
12
LTH1
_11
LT
H1
_10
LTH1
_09
LTH1
_08
LTH1
_07
LT
H1
_06
LT
H1
_05
LTH1
_04
LTH1
_03
0
0
0
0
0
0
Local temp THERM limit
3A
7FC0
(225.5°C)
Y
LTH2_
12
LTH2
_11
LT
H2
_10
LTH2
_09
LTH2
_08
LTH2
_07
LT
H2
_06
LT
H2
_05
LTH2
_04
LTH2
_03
0
0
0
0
0
0
Local temp THERM2 limit
40
0000
Y
ROS12
ROS
12(2)
RO
S10
ROS
9
ROS
8
ROS
7
RO
S6
RO
S5
ROS
4
ROS
3
ROS
2
ROS
1
ROS0
0
0
0
Remote temp 1 offset
41
0000
Y
RNC7
RNC
6
RN
C5
RNC
4
RNC
3
RNC
2
RN
C1
RN
C0
0
0
0
0
0
0
0
0
Remote temp 1 η-factor correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com