Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 11Page - Texas Instruments TMP464 Datasheet HTML 12Page - Texas Instruments TMP464 Datasheet HTML 13Page - Texas Instruments TMP464 Datasheet HTML 14Page - Texas Instruments TMP464 Datasheet HTML 15Page - Texas Instruments TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
D7 D6 D5 D4 D3 D2 D1 D0
1
9
1
9
ACK
by
Device
Start by
Master
ACK
by
Master
SCL
SDA
R/W
0
1
A0
1
0
A1
1
9
D15 D14 D13 D12 D11 D10 D9 D8
ACK
by
Master
Frame 3
Serial Bus Address
Byte from Master
Frame 4
Word 1 MSB from
Device
Frame 5
Word 1 LSB from
Device
D7 D6 D5 D4 D3 D2 D1 D0
1
9
NACK
by
Master
Stop
by
Master
1
9
D15 D14 D13 D12 D11 D10 D9 D8
ACK
by
Master
Frame (2N + 2)
Word N MSB from
Device
Frame (2N + 3)
Word N LSB from
Device
SCL
(continued)
SDA
(continued)
0
D7 D6 D5 D4 D3 D2 D1 D0
1
9
1
9
ACK
by
Device
Repeat
Start by
Master
ACK
by
Master
SCL
(continued)
SDA
(continued)
R/W
0
1
A0
1
0
A1
1
9
D15 D14 D13 D12 D11 D10 D9 D8
ACK
by
Master
Frame 3
Serial Bus Address
Byte from Master
Frame 4
Word 1 MSB from
Device
Frame 5
Word 1 LSB from
Device
1
9
1
9
ACK
by
Device
Start by
Master
SCL
SDA
R/W
0
1
A0
1
0
A1
ACK
by
Device
Frame 1
Serial Bus Address
Byte from Master
Frame 2
Pointer Byte from
Master
P7
P6
P5
P4
P3
P2
P1
P0
D7 D6 D5 D4 D3 D2 D1 D0
1
9
NACK
by
Master
Stop
by
Master
1
9
D15 D14 D13 D12 D11 D10 D9 D8
ACK
by
Master
Frame (2N + 2)
Word N MSB from
Device
Frame (2N + 3)
Word N LSB from
Device
SCL
(continued)
SDA
(continued)
0
0
80h Block Read Auto Increment Pointer
15
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
Figure 17. Two-Wire Timing Diagram for Pointer Byte Set Followed by a Repeat Start and Multiple-Word
(N-Word) Read
Figure 18. Two-Wire Timing Diagram for Multiple-Word (N-Word) Read Without a Pointer Byte Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com