Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 27Page - Texas Instruments TMP464 Datasheet HTML 28Page - Texas Instruments TMP464 Datasheet HTML 29Page - Texas Instruments TMP464 Datasheet HTML 30Page - Texas Instruments TMP464 Datasheet HTML 31Page - Texas Instruments TMP464 Datasheet HTML 32Page - Texas Instruments TMP464 Datasheet HTML 33Page - Texas Instruments TMP464 Datasheet HTML 34Page - Texas Instruments TMP464 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
1
Average Conversion Current (16 ms) (
) (240 A)
sec
1
(16 ms) (
) (200 A) (4)
sec
1
(15 A)
1
((16 ms )
(16 ms) (4)) (
)
sec
43 A
u
u
P
u
u
P u
ª
º
P u
u
u
«
»
¬
¼
P
31
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
(8)
The temperature measurement accuracy of the TMP464 device depends on the remote and local temperature
sensor being at the same temperature as the monitored system point. If the temperature sensor is not in good
thermal contact with the part of the monitored system, then there is a delay between the sensor response and
the system changing temperature. This delay is usually not a concern for remote temperature-sensing
applications that use a substrate transistor (or a small, SOT-23 transistor) placed close to the monitored device.
8.2.3 Application Curve
Figure 22 shows the typical step response to submerging a TMP464 device (initially at 25°C) in an oil bath with a
temperature of 100°C and logging the local temperature readings.
Figure 22. TMP464 Temperature Step Response of Local Sensor
9 Power Supply Recommendations
The TMP464 device operates with a power-supply range from 1.7 V to 3.6 V. The device is optimized for
operation at a 1.8-V supply, but can measure temperature accurately in the full supply range.
TI recommends a power-supply bypass capacitor. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.1 μF. Applications with noisy or
high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com