Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments TMP464 Datasheet HTML 23Page - Texas Instruments TMP464 Datasheet HTML 24Page - Texas Instruments TMP464 Datasheet HTML 25Page - Texas Instruments TMP464 Datasheet HTML 26Page - Texas Instruments TMP464 Datasheet HTML 27Page - Texas Instruments TMP464 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
TMP464
SBOS835 – MAY 2017
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.1.7 Configuration Register
The Configuration Register sets the conversion rate, starts one-shot conversion of all enabled channels, enables
conversion the temperature channels, controls the shutdown mode and reports when a conversion is in process.
The Configuration Register is set by writing to pointer address 30h, and is read from pointer address 30h.
Table 8 summarizes the bits of the Configuration Register.
Table 8. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (READ = 30h, WRITE = 30h, POR = 0x0F9C)
BIT NUMBER
NAME
FUNCTION
POWER-ON-RESET VALUE
15:12
0
Reserved for future use; always
reports 0
0000
11:8
REN4:REN1
1 = enable respective remote
channel 4 through 1 conversions
1111
7
LEN
1 = enable local channel
conversion
1
6
OS
1 = start one-shot conversion on
enabled channels
0
5
SD
1 = enables device shutdown
0
4:2
CR2:CR0
Conversion rate control bits;
control conversion rates for all
enabled channels from 16
seconds to continuous
conversion
111
1
BUSY
1 when the ADC is converting
(read-only bit ignores writes)
0
0
Reserved
—
0
The Remote Enable four through one (REN4:REN1, bits 11:8) bits enable conversions on the respective remote
channels. The Local Enable (LEN, bit 7) bit enables conversions of the local temperature channel. If all LEN and
REN are set to 1 (default), this enables the ADC to convert the local and all remote temperatures. If the LEN is
set to 0, the local temperature conversion is skipped. Similarly if a REN is set to 0, that remote temperature
conversion channel is skipped. The TMP464 device steps through each enabled channel in a round-robin fashion
in the following order: LOC, REM1, REM2, REM4, LOC, REM1, and so on. All local and remote temperatures are
converted by the internal ADC by default after power up. The configuration register LEN and REN bits can be
configured to save power by reducing the total ADC conversion time for applications that do not require all of the
four remote and local temperature information. Note writing all zeros to REN4:REN1 and LEN has the same
effect as SD = 1 and OS = 0.
The shutdown bit (SD, bit 5) enables or disables the temperature-measurement circuitry. If SD = 0 (default), the
TMP464 device converts continuously at the rate set in the conversion rate register. When SD is set to 1, the
TMP464 device immediately stops the conversion in progress and instantly enters shutdown mode. When SD is
set to 0 again, the TMP464 device resumes continuous conversions starting with the local temperature.
The BUSY bit = 1 if the ADC is making a conversion. This bit is set to 0 if the ADC is not converting.
After the TMP464 device is in shutdown mode, writing a 1 to the one-shot (OS, bit 6) bit starts a single ADC
conversion of all the enabled temperature channels. This write operation starts one conversion and comparison
cycle on either the four remote and one local sensor or any combination of sensors, depending on the LEN and
REN values in the Configuration Register (read address 30h). The TMP464 device returns to shutdown mode
when the cycle is complete. Table 9 details the interaction of the SD, OS, LEN, and REN bits.
Table 9. Conversion Modes
WRITE
READ
FUNCTION
REN[8:1], LEN
OS
SD
REN[8:1], LEN
OS
SD
All 0
—
—
All 0
0
1
Shutdown
At least 1 enabled
—
0
Written value
0
0
Continuous conversion
At least 1 enabled
0
1
Written value
0
1
Shutdown
At least 1 enabled
1
1
Written value
1
1
One-shot conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com