Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 12Page - Texas Instruments TMP464 Datasheet HTML 13Page - Texas Instruments TMP464 Datasheet HTML 14Page - Texas Instruments TMP464 Datasheet HTML 15Page - Texas Instruments TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
16
TMP464
SBOS835 – MAY 2017
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
7.5.1.3 Serial Bus Address
To communicate with the TMP464 device, the master must first address slave devices using a slave address
byte. The slave address byte consists of seven address bits and a direction bit indicating the intent of executing a
read or write operation. The TMP464 device allows up to four devices to be addressed on a single bus. The
assigned device address depends on the ADD pin connection as described in Table 2.
Table 2. TMP464 Slave Address Options
ADD PIN CONNECTION
SLAVE ADDRESS
BINARY
HEX
GND
1001000
48
V+
1001001
49
SDA
1001010
4A
SCL
1001011
4B
7.5.1.4 Read and Write Operations
Accessing a particular register on the TMP464 device is accomplished by writing the appropriate value to the
pointer register. The value for the pointer register is the first byte transferred after the slave address byte with the
R/W bit low. Every write operation to the TMP464 device requires a value for the pointer register (see Figure 14).
The TMP464 registers can be accessed with block or single register reads. Block reads are only supported for
pointer values 80h to 84h. Registers at 80h through 84h mirror the Remote and Local Temperature registers (00h
to 04h). Pointer values 00h to 04h are for single register reads.
7.5.1.4.1
Single Register Reads
When reading from the TMP464 device, the last value stored in the pointer register by a write operation is used
to determine which register is read by a read operation. To change which register is read for a read operation, a
new value must be written to the pointer register. This transaction is accomplished by issuing a slave address
byte with the R/W bit low, followed by the pointer register byte; no additional data are required. The master can
then generate a start condition and send the slave address byte with the R/W bit high to initiate the read
command; see Figure 15 through Figure 17 for details of this sequence.
If repeated reads from the same register are desired, continually sending the pointer register bytes is not
necessary because the TMP464 device retains the pointer register value until the value is changed by the next
write operation. The register bytes are sent by the MSB first, followed by the LSB. If only one byte is read (MSB),
a consecutive read of TMP464 device results in the MSB being transmitted first. The LSB can only be accessed
through two-byte reads.
The master terminates a read operation by issuing a not-acknowledge (NACK) command at the end of the last
byte to be read or transmitting a stop condition. For a single-byte operation, the master must leave the SDA line
high during the acknowledge time of the first byte that is read from the slave.
The TMP464 register structure has a word (two-byte) length, so every write transaction must have an even
number of bytes (MSB and LSB) following the pointer register value (see Figure 14). Data transfers occur during
the ACK at the end of the second byte or LSB. If the transaction does not finish, signaled by the ACK at the end
of the second byte, then the data is ignored and not loaded into the TMP464 register. Read transactions do not
have the same restrictions and may be terminated at the end of the last MSB.
7.5.1.4.2
Block Register Reads
The TMP464 supports block mode reads at address 80h through 84h for temperature results alone. Setting the
pointer register to 80h signals to the TMP464 device that a block of more than two bytes must be transmitted
before a stop is issued. In this mode, the TMP464 device auto increments the internal pointer. If the transmission
is terminated before register 84h is read, the pointer increments so a consecutive read (without a pointer set) can
access the next register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com