Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments TMP464 Datasheet HTML 23Page - Texas Instruments TMP464 Datasheet HTML 24Page - Texas Instruments TMP464 Datasheet HTML 25Page - Texas Instruments TMP464 Datasheet HTML 26Page - Texas Instruments TMP464 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
23
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.1.5 THERM2 Status Register
The THERM2 Status register reports the state of the THERM2 limit comparators for local and remote 1-4
temperatures. Table 6 lists the status register bits. The THERM2 Status register is read-only and is read by
accessing pointer address 22h.
Table 6. THERM2 Status Register Format
THERM2 STATUS REGISTER (READ = 22h, WRITE = N/A)
BIT NUMBER
BIT NAME
FUNCTION
15:12
0
Reserved for future use; always reports 0.
11
R4TH2
1 when Remote 4 exceeds the THERM2 limit
10
R3TH2
1 when Remote 3 exceeds the THERM2 limit
9
R2TH2
1 when Remote 2 exceeds the THERM2 limit
8
R1TH2
1 when Remote 1 exceeds the THERM2 limit
7
LTH2
1 when Local Sensor exceeds the THERM2 limit
6:0
0
Reserved for future use; always reports 0.
The R4TH2:R1TH2 and LTH2 flags are set when the corresponding temperature exceeds the respective
programmed THERM2 limit (3Ah, 43h, 4Bh, 53h, 5Bh, 63h, 6Bh, 73h, 7Bh). These flags are reset automatically
when the temperature returns below the THERM2 limit minus the value set in the THERM Hysteresis register
(38h). The THERM2 output goes low in the case of overtemperature on either the local or remote channels, and
goes high as soon as the measurements are less than the THERM2 limit minus the value set in the THERM
Hysteresis register. The THERM Hysteresis register (38h) allows hysteresis to be added so that the flag resets
and the output goes high when the temperature returns to or goes below the limit value minus the hysteresis
value.
7.6.1.6 Remote Channel Open Status Register
The Remote Channel Open Status register reports the state of the connection of remote channels one through
four. Table 7 lists the status register bits. The Remote Channel Open Status register is read-only and is read by
accessing pointer address 23h.
Table 7. Remote Channel Open Status Register Format
REMOTE CHANNEL OPEN STATUS REGISTER (READ = 23h, WRITE = N/A)
BIT NUMBER
BIT NAME
FUNCTION
15:12
0
Reserved for future use; always reports 0.
11
R4OPEN
1 when Remote 4 channel is an open circuit
10
R3OPEN
1 when Remote 3 channel is an open circuit
9
R2OPEN
1 when Remote 2 channel is an open circuit
8
R1OPEN
1 when Remote 1 channel is an open circuit
7:0
0
Reserved for future use; always reports 0.
The R4OPEN:R1OPEN bits indicate an open-circuit condition on remote sensors four through one, respectively.
The setting of these flags does not directly affect the state of the THERM or THERM2 output pins. Indirectly, the
temperature reading(s) may be erroneous and exceed the respective THERM and THERM2 limits, activating the
THERM or THERM2 output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com