Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 13Page - Texas Instruments TMP464 Datasheet HTML 14Page - Texas Instruments TMP464 Datasheet HTML 15Page - Texas Instruments TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
17
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5.1.5 Timeout Function
The TMP464 device resets the serial interface if either SCL or SDA are held low for 17.5 ms (typical) between a
start and stop condition. If the TMP464 device is holding the bus low, the device releases the bus and waits for a
start condition. To avoid activating the timeout function, maintain a communication speed of at least 1 kHz for the
SCL operating frequency.
7.5.1.6 High-Speed Mode
For the two-wire bus to operate at frequencies above 1 MHz, the master device must issue a high-speed mode
(HS-mode) master code (0000 1xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP464 device does not acknowledge the master code byte, but switches the input filters on
SDA and SCL and the output filter on SDA to operate in HS-mode, allowing transfers up to 2.56 MHz. After the
HS-mode master code is issued, the master transmits a two-wire slave address to initiate a data transfer
operation. The bus continues to operate in HS-mode until a stop condition occurs on the bus. Upon receiving the
stop condition, the TMP464 device switches the input and output filters back to fast mode.
7.5.2 TMP464 Register Reset
The TMP464 registers can be software reset by setting bit 15 of the Software Reset register (20h) to 1. This
software reset restores the power-on-reset state to all TMP464 registers and aborts any conversion in progress.
7.5.3 Lock Register
All of the configuration and limit registers may be locked for writes (making the registers write-protected), which
decreases the chance of software runaway from issuing false changes to these registers. The Lock column in
Table 3 identifies which registers may be locked. Lock mode does not effect read operations. To activate the lock
mode, Lock Register C4h must be set to 0x5CA6. The lock only remains active while the TMP464 device is
powered up. Because the TMP464 device does not contain nonvolatile memory, the settings of the configuration
and limit registers are lost once a power cycle occurs regardless if the registers are locked or unlocked.
In lock mode, the TMP464 device ignores a write operation to configuration and limit registers except for Lock
Register C4h. The TMP464 device does not acknowledge the data bytes during a write operation to a locked
register. To unlock the TMP464 registers, write 0xEB19 to register C4h. The TMP464 device powers up in locked
mode, so the registers must be unlocked before the registers accept writes of new data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com