Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 3 Page - Texas Instruments

  TMP464 Datasheet HTML 1Page - Texas Instruments TMP464 Datasheet HTML 2Page - Texas Instruments TMP464 Datasheet HTML 3Page - Texas Instruments TMP464 Datasheet HTML 4Page - Texas Instruments TMP464 Datasheet HTML 5Page - Texas Instruments TMP464 Datasheet HTML 6Page - Texas Instruments TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
NC
12
SDA
2
NC
11
THERM2
3
D4+
10
THERM
4
D3+
9
ADD
Not to scale
Thermal Pad
3
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
TMP464 RGT Package
16-Pin VQFN With Exposed Thermal Pad
Top View
NC - No internal connection
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ADD
9
Digital Input
Address select. Connect to GND, V+, SDA, or SCL.
D1+
6
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D2+
5
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D3+
4
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D4+
3
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D–
7
Analog input
Negative connection to remote temperature sensors. Common for 4 remote channels.
GND
8
Ground
Supply ground connection
NC
1, 2, 15, 16
—
No connection, may be left floating or connected to GND or V+
SCL
13
Digital input
Serial clock line for I2C or SMBus compatible two-wire interface.
Input; requires a pullup resistor to a voltage between 1.7 V and 3.6 V (not necessarily V+) if
driven by an open-drain output.
SDA
12
Bidirectional digital
input-output
Serial data line for I2C- or SMBus compatible two-wire interface. Open-drain; requires a pullup
resistor to a voltage between 1.7 V and 3.6 V, not necessarily V+.
THERM
10
Digital output
Thermal shutdown or fan-control pin.
Active low; open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V, not
necessarily V+. If this pin is not used it may be left open or grounded.
THERM2
11
Digital output
Second THERM output.
Active low; open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V, not
necessarily V+. If this pin is not used it may be left open or grounded.
V+
14
Power supply
Positive supply voltage, 1.7 V to 3.6 V; requires 0.1-µF bypass capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com