Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 15Page - Texas Instruments TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments TMP464 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
TMP464
www.ti.com
SBOS835 – MAY 2017
19
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Register Map (continued)
PTR
POR
Lock
TMP464 Functional Registers - BIT DESCRIPTION
REGISTER DESCRIPTION
(HEX)
(HEX)
(Y/N)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
42
3E80
Y
RTH1_
12
RTH1
_11
RT
H1
_10
RTH1
_09
RTH1
_08
RTH1
_07
RT
H1
_06
RT
H1
_05
RTH1
_04
RTH1
_03
0
0
0
0
0
0
Remote temp 1 THERM limit
43
7FC0
Y
RTH2_
12
RTH2
_11
RT
H2
_10
RTH2
_09
RTH2
_08
RTH2
_07
RT
H2
_06
RT
H2
_05
RTH2
_04
RTH2
_03
0
0
0
0
0
0
Remote temp 1 THERM2 limit
48
0000
Y
ROS12
ROS
12
RO
S10
ROS
9
ROS
8
ROS
7
RO
S6
RO
S5
ROS
4
ROS
3
ROS
2
ROS
1
ROS0
0
0
0
Remote temp 2 offset
49
0000
Y
RNC7
RNC
6
RN
C5
RNC
4
RNC
3
RNC
2
RN
C1
RN
C0
0
0
0
0
0
0
0
0
Remote temp 2 η-factor correction
4A
3E80
Y
RTH1_
12
RTH1
_11
RT
H1
_10
RTH1
_09
RTH1
_08
RTH1
_07
RT
H1
_06
RT
H1
_05
RTH1
_04
RTH1
_03
0
0
0
0
0
0
Remote temp 2 THERM limit
4B
7FC0
Y
RTH2_
12
RTH2
_11
RT
H2
_10
RTH2
_09
RTH2
_08
RTH2
_07
RT
H2
_06
RT
H2
_05
RTH2
_04
RTH2
_03
0
0
0
0
0
0
Remote temp 2 THERM2 limit
50
0000
Y
ROS12
ROS
12
RO
S10
ROS
9
ROS
8
ROS
7
RO
S6
RO
S5
ROS
4
ROS
3
ROS
2
ROS
1
ROS0
0
0
0
Remote temp 3 offset
51
0000
Y
RNC7
RNC
6
RN
C5
RNC
4
RNC
3
RNC
2
RN
C1
RN
C0
0
0
0
0
0
0
0
0
Remote temp 3 η-factor correction
52
3E80
Y
RTH1_
12
RTH1
_11
RT
H1
_10
RTH1
_09
RTH1
_08
RTH1
_07
RT
H1
_06
RT
H1
_05
RTH1
_04
RTH1
_03
0
0
0
0
0
0
Remote temp 3 THERM limit
53
7FC0
Y
RTH2_
12
RTH2
_11
RT
H2
_10
RTH2
_09
RTH2
_08
RTH2
_07
RT
H2
_06
RT
H2
_05
RTH2
_04
RTH2
_03
0
0
0
0
0
0
Remote temp 3 THERM2 limit
58
0000
Y
ROS12
ROS
12
RO
S10
ROS
9
ROS
8
ROS
7
RO
S6
RO
S5
ROS
4
ROS
3
ROS
2
ROS
1
ROS0
0
0
0
Remote temperature 4 offset
59
0000
Y
RNC7
RNC
6
RN
C5
RNC
4
RNC
3
RNC
2
RN
C1
RN
C0
0
0
0
0
0
0
0
0
Remote temp 4 η-factor correction
5A
3E80
Y
RTH1_
12
RTH1
_11
RT
H1
_10
RTH1
_09
RTH1
_08
RTH1
_07
RT
H1
_06
RT
H1
_05
RTH1
_04
RTH1
_03
0
0
0
0
0
0
Remote temp 4 THERM limit
5B
7FC0
Y
RTH2_
12
RTH2
_11
RT
H2
_10
RTH2
_09
RTH2
_08
RTH2
_07
RT
H2
_06
RT
H2
_05
RTH2
_04
RTH2
_03
0
0
0
0
0
0
Remote temp 4 THERM2 limit
80
0000
N/A
LT12
LT11
LT1
0
LT9
LT8
LT7
LT6 LT5 LT4
LT3
LT2
LT1
LT0
0
0
0
Local temperature (Block read range -
auto increment pointer register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com