Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments TMP464 Datasheet HTML 23Page - Texas Instruments TMP464 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
TMP464
SBOS835 – MAY 2017
www.ti.com
20
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Register Map (continued)
PTR
POR
Lock
TMP464 Functional Registers - BIT DESCRIPTION
REGISTER DESCRIPTION
(HEX)
(HEX)
(Y/N)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
81
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 1 (Block read
range - auto increment pointer
register)
82
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 2 (Block read
range - auto increment pointer
register)
83
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 3 (Block read
range - auto increment pointer
register)
84
0000
N/A
RT12
RT11
RT
10
RT9
RT8
RT7
RT
6
RT
5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote temperature 4 (Block read
range - auto increment pointer
register)
C4
8000
N/A
Write 0x5CA6 to lock registers and 0xEB19 to unlock registers
Lock Registers after initialization
Read back: locked 0x8000; unlocked 0x0000
FE
5449
N/A
0
1
0
1
0
1
0
0
0
1
0
0
1
0
0
1
Manufacturers Identification Register
FF
0464
N/A
0
0
0
0
0
1
0
0
0
1
1
0
0
1
0
0
Device Identification/Revision Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com