Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments TMP464 Datasheet HTML 23Page - Texas Instruments TMP464 Datasheet HTML 24Page - Texas Instruments TMP464 Datasheet HTML 25Page - Texas Instruments TMP464 Datasheet HTML 26Page - Texas Instruments TMP464 Datasheet HTML 27Page - Texas Instruments TMP464 Datasheet HTML 28Page - Texas Instruments TMP464 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
ADJUST
eff
1.008
2088
N
2088
§
·
u
¨
¸
©
¹
eff
ADJUST
1.008
2088
2088
N
§
·
u
¨
¸
©
¹
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
25
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The conversion rate bits control the rate that the conversions occur (CR2:CR0, bits 4:2). The value of CR2:CR0
bits controls the idle time between conversions but not the conversion time itself, which allows the TMP464
device power dissipation to be balanced with the update rate of the temperature register. Table 10 describes the
mapping for CR2:CR0 to the conversion rate or temperature register update rate.
Table 10. Conversion Rate
CR2:CR0
DECIMAL VALUE
FREQUENCY (Hz)
TIME (s)
000
0
0.0625
16
001
1
0.125
8
010
2
0.25
4
011
3
0.5
2
100
4
1
1
101
5
2
0.5
110
6
4
0.25
111
7
Continuous conversion; depends on number of enabled channels; see
Table 11 (default).
Table 11. Continuous Conversion Times
NUMBER OF REMOTE CHANNELS ENABLED
CONVERSION TIME (ms)
LOCAL DISABLED
LOCAL ENABLED
0
0
15.5
1
15.8
31.3
2
31.6
47.1
3
47.4
62.9
4
63.2
78.7
The remaining bits of the configuration register are reserved and must always be set to 0. The POR value for this
register is 0x0F9C.
7.6.1.8 η-Factor Correction Register
The TMP464 device allows for a different η-factor value to be used for converting remote channel measurements
to temperature for each temperature channel. There are four η-Factor Correction registers assigned: one to each
of the remote input channels (addresses 41h, 49h, 51h, and 59h). Each remote channel uses sequential current
excitation to extract a differential VBE voltage measurement to determine the temperature of the remote
transistor. Equation 1 shows this voltage and temperature.
(1)
The value η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The POR
value for the TMP464 device is η = 1.008. The value in the η-Factor Correction register can be used to adjust the
effective η-factor, according to Equation 2 and Equation 3.
(2)
(3)
The η-factor correction value must be stored in a two's-complement format, which yields an effective data range
from –128 to +127. The POR value for each register is 0000h, which does not affect register values unless a
different value is written to the register. The resolution of the η-factor register changes linearly as the code
changes and has a range from 0.0004292 to 0.0005476, with an average of 0.0004848.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com